Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH757 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

SFH757 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # SFH757
Download  SFH757 Download
File Size   629.39 Kbytes
Page   4 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Transmitter for Polymer Optical Fiber Applications

SFH757 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH757 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # SFH757
Download  SFH757 Click to download

File Size   629.39 Kbytes
Page   4 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Transmitter for Polymer Optical Fiber Applications

SFH757 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


SFH757 Product details

Description

The SFH757 is a low-cost transmitter diode for optical data transmission with polymer optical fiber. Its In GaAlP LED chip provides enhanced resistance to humidity and is designed to emit light at 650 nm. The robust SFH757 can be used for speeds up to 100 MBd and complements the Avago SFH250 photodiode receiver and SFH551/1-1 integrated photo detector receiver.

The SFH series is optimized for easy coupling. No fiber stripping is required; just insert the cut fiber into the selected SFH component.



Features

•  High speed transmitter for up to 100MBd applications(with peaking circuits)

•  2.2mm aperture holds standard 980/1000/2200µm plastic fibers

•  No fiber stripping required

•  Molded microlens for efficient coupling



Plastic Direct Fiber Connector housing(V-housing)

•  Locking screw attached to the connector

•  Interference-free transmission by the light-tight housing

•  Transmitter and receiver can be positioned flexibly

•  No cross talk

•  Auto insertable and wave solderable

•  Supplied in tubes



Applications

•  Household electronics

•  Power electronics

•  Optical networks

•  Light barriers




Similar Part No. - SFH757

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH757 INFINEON-SFH757 Datasheet
217Kb / 7P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
logo
AVAGO TECHNOLOGIES LIMI...
SFH757 AVAGO-SFH757 Datasheet
629Kb / 4P
Transmitter for Polymer Optical Fiber Applications
logo
Infineon Technologies A...
SFH757V INFINEON-SFH757V Datasheet
217Kb / 7P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
logo
AVAGO TECHNOLOGIES LIMI...
SFH757V AVAGO-SFH757V Datasheet
629Kb / 4P
Transmitter for Polymer Optical Fiber Applications
SFH757 AVAGO-SFH757_11 Datasheet
629Kb / 4P
Transmitter for Polymer Optical Fiber Applications
More results


Similar Description - SFH757

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BL-23G KODENSHI-BL-23G Datasheet
194Kb / 2P
Emitter for Optical Fiber(GaAlAs)
logo
Sharp Corporation
GP1FA313RZ SHARP-GP1FA313RZ Datasheet
30Kb / 1P
Square type Optical Fiber Transmitter/Receiver Unit for 3V Operation and Double Speed
logo
Skyworks Solutions Inc.
SKY74702 SKYWORKS-SKY74702 Datasheet
63Kb / 2P
Transmitter for CDMA Applications
logo
Sharp Corporation
GP1FAV50TK0F SHARP-GP1FAV50TK0F Datasheet
23Kb / 1P
Cost competitive, Popular type Optical Fiber Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
SFH250 AVAGO-SFH250_11 Datasheet
520Kb / 4P
Receiver with analog output for polymer optical fiber applications
SFH757 AVAGO-SFH757_11 Datasheet
629Kb / 4P
Transmitter for Polymer Optical Fiber Applications
SP000063855 AVAGO-SP000063855 Datasheet
84Kb / 5P
Receiver with Digital Output Stage for Polymer Optical Fiber Applications
AFBR-4595Z AVAGO-AFBR-4595Z Datasheet
388Kb / 2P
Simple Cutting Tool for Polymer Optical Fiber
logo
Broadcom Corporation.
AFBR-1555ARZ BOARDCOM-AFBR-1555ARZ Datasheet
549Kb / 9P
Reinforced Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com