Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB86604 Datasheet (PDF) - fujitsu semiconductor

MB86604 Datasheet PDF - fujitsu semiconductor
Part # MB86604
Download  MB86604 Download
File Size   1294.08 Kbytes
Page   56 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description SCSI-II Protocol Controller (with single-ended driver/receiver)

MB86604 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB86604 Datasheet PDF - fujitsu semiconductor

Part # MB86604
Download  MB86604 Click to download

File Size   1294.08 Kbytes
Page   56 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description SCSI-II Protocol Controller (with single-ended driver/receiver)

MB86604 Datasheet (HTML) - fujitsu semiconductor


MB86604 Product details

■ DESCRIPTION
The Fujitsu MB86604L is a single-ended transmission type SCSI-II Protocol Controller (SPC) with a single-ended driver/receiver. The MB86604L facilitates interface control between small/medium host computer and peripheral devices (such as a hard disk and printer). The specifications conform to the SCSI-II Standard.

■ FEATURES
SCSI Bus Interface:
• Conforming to the SCSI-II standard
• Operatable as Initiator and target
• Two types of high-speed data transfer:
    – Synchronous data transfer (Max. 10 Mbytes/s, max. 32 offsets, 32-step transfer rate)
    – Asynchronous data transfer (Max. 5 Mbyte/s)
• Transfer parameters (transfer mode, transfer rate, transfer offset) can be set for up to 7 connected devices.
• Single-ended transmission type (Maximum cable length: 6 m):
    – On-chip single-ended driver/receiver which can drive 48 mA of "L" level output current
    – Directly connectable with the SCSI bus
• On-chip three-state bidirectional I/O buffers for SCSI REQ and ACK pins (DB7-DB0, DBP, ATN, MSG, C/D, I/O pins can be selected from either three-state or open-drain buffer by controlling the TEST pins input.)

Transfer Operation:
• Automatic response to selection/reselection (Preset receiving operation can perform at the selection/reselection.):
    – Initiator: Automatically operates until message received without command issue.
    – Target: Automatically operates until command received without command issue.
• Automatic receiving:
    – Initiator: Automatically receives information for new phase to which target transited without command issue.
    – Target: Automatically receives message from initiator when initiator generates attention condition.
• On-chip 32-byte data register (FIFO) for data phase
• On-chip two (send-only and receive-only) 32-byte data buffers for message, command, and status phases
• On-chip 16-bit transfer block register and 24-bit transfer byte register enabling 1 Tbytes transfer (1 Tbytes: 16 Mbytes × 64 k blocks)
• On-chip independent data transfer bus enabling the MPU operation during the data transfer
• Parity through/generate can be specified.

System Bus Interface:
• 8-bit or 16-bit separate MPU and DMA buses
• Directly connectable with a 80 series or 68 series MPU
• Two types of transfer operation:
    – Program transfer
    – DMA transfer (Burst/Handshake)

Command Set:
• Supports sequential commands and programmable commands in addition to ordinary commands
• Command queuing (Command can be continuously issued by putting tags to commands in command phase.)
• On-chip 256-byte memory for command programming memory and command queuing buffer

Others
• Process: CMOS process
• Supply Voltage: Single +5 V
• Input System Clock: 20 MHz/30 MHz/40 MHz
• Package: 100-pin plastic LQFP




Similar Part No. - MB86604

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86606A FUJITSU-MB86606A Datasheet
605Kb / 64P
FAST-20 SCSI Protocol Controller
MB86606APMT2 FUJITSU-MB86606APMT2 Datasheet
605Kb / 64P
FAST-20 SCSI Protocol Controller
More results


Similar Description - MB86604

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8945 SANYO-LC8945 Datasheet
175Kb / 7P
SCSI (Small Computer System Interface) Protocol Controller
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
SCSI 1 Protocol Controller
logo
fujitsu semiconductor
MB86606A FUJITSU-MB86606A Datasheet
605Kb / 64P
FAST-20 SCSI Protocol Controller
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
Rev. 1
logo
List of Unclassifed Man...
WD33C95A ETC1-WD33C95A Datasheet
776Kb / 11P
Single Chip VLSI SCSI bus controller
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
ULTRA2 SCSI CONTROLLER
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
ULTRA160 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
SCSI-II Active Terminator
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com