Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DC15 Datasheet (PDF) - PREMO CORPORATION S.L

3DC15 Datasheet PDF - PREMO CORPORATION S.L
Part # 3DC15
Download  3DC15 Download
File Size   121.95 Kbytes
Page   1 Pages
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L
Description SMD 3D Coil 17.5x15.5x3.8 mm MAX (2.47 mH ??10mH)

3DC15 Datasheet (PDF)

Go To PDF Page Download Datasheet
3DC15 Datasheet PDF - PREMO CORPORATION S.L

Part # 3DC15
Download  3DC15 Click to download

File Size   121.95 Kbytes
Page   1 Pages
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L
Description SMD 3D Coil 17.5x15.5x3.8 mm MAX (2.47 mH ??10mH)

3DC15 Datasheet (HTML) - PREMO CORPORATION S.L




Similar Part No. - 3DC15

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3DC15-0247J DBLECTRO-3DC15-0247J Datasheet
254Kb / 4P
SMD 3D Coil 15x15x4mm
3DC15-0258J DBLECTRO-3DC15-0258J Datasheet
254Kb / 4P
SMD 3D Coil 15x15x4mm
3DC15-0345J DBLECTRO-3DC15-0345J Datasheet
254Kb / 4P
SMD 3D Coil 15x15x4mm
3DC15-0405J DBLECTRO-3DC15-0405J Datasheet
254Kb / 4P
SMD 3D Coil 15x15x4mm
3DC15-0477J DBLECTRO-3DC15-0477J Datasheet
254Kb / 4P
SMD 3D Coil 15x15x4mm
More results


Similar Description - 3DC15

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
3DC11CAP-0238J PREMO-3DC11CAP-0238J Datasheet
506Kb / 2P
SMD 3D Coil 11x11x3.6 mm (7.2 mH - 2.38 mH) with cap
3DC1111LP PREMO-3DC1111LP Datasheet
181Kb / 4P
SMD 3D Coil 11x11x3mm Low Profile
3DC11F PREMO-3DC11F Datasheet
135Kb / 1P
SMD Foam Label 3D Coil 13x11.6x4.2mm(2.38mH - 7.2mH) Low Prole
3DC11LP PREMO-3DC11LP_14 Datasheet
130Kb / 1P
SMD 3D Coil 13x11.6x3.15 mm MAX (2.38 mH ??7.2 mH) Low prole
3DC11LPCAP PREMO-3DC11LPCAP Datasheet
136Kb / 1P
SMD CAP 3D Coil 13x12.8x3.7 mm (2.38 mH - 7.2 mH) Low Prole
3DC15F PREMO-3DC15F Datasheet
130Kb / 1P
SMD Foam Label 3D Coil 17.5x15.5x5 mm MAX (2.47 mH ??7.2 mH)
3DC1515-HF PREMO-3DC1515-HF Datasheet
83Kb / 1P
SMD 3D Coil 17.5x16.0x4.0 mm MAX
TP0702UCAP PREMO-TP0702UCAP Datasheet
268Kb / 3P
SMD Transponder Coil 8.6x3x2.7 mm MAX
logo
DB Lectro Inc
3DC1111 DBLECTRO-3DC1111 Datasheet
181Kb / 4P
SMD 3D Coil 11x11x3mm Low Profile
3DC1515 DBLECTRO-3DC1515 Datasheet
254Kb / 4P
SMD 3D Coil 15x15x4mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com