Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89613R Datasheet (PDF) - fujitsu semiconductor

MB89613R Datasheet PDF - fujitsu semiconductor
Part # MB89613R
Download  MB89613R Download
File Size   665.19 Kbytes
Page   44 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89613R Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89613R Datasheet PDF - fujitsu semiconductor

Part # MB89613R
Download  MB89613R Click to download

File Size   665.19 Kbytes
Page   44 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89613R Datasheet (HTML) - fujitsu semiconductor


MB89613R Product details

■ DESCRIPTION
MB89610R series has been developed as a general-purpose version of the F2MC*-8L family of proprietary 8-bit, single-chip microcontrollers.
In addition to the F2MC-8L CPU core which can operate at low voltage but at high speed, the microcontrollers contain peripheral resources such as timers, serial interfaces, and an external interrupt.
The MB89610R series is applicable to a wide range of application from welfare products to industrial equipment, including portable devices.

■ FEATURES
• Various package options
    Three types of QFP packages (0.5-mm, 0.65-mm, 1-mm pitch) SDIP package
• High-speed processing at low voltages
    Minimum execution time: 0.4 µs/3.5 V and 0.8 µs/2.7 V
• F2MC-8L family CPU core
    Instruction set optimized for controllers
        Multiplication and dividion instructions
        16-bit arithmetic operations
        Test and branch instructions
        Bit manipulation instructions, etc.
• Four types of timers
    8-bit PWM timer (also usable a reload timer)
    8-bit pulse-width count timer (Continuous measurement capable, applicable to remote control, etc)
    16-bit timer/counter
    20-bit time-base timer
• Two serial interfaces
    Switchable transfer direction allows communication with various equipment.
• External interrupt: 4 channels
    Four channels are independent and capable of wake-up from low-power consumption modes (with an edge detection function).
• Low-power consumption modes
    Stop mode (Oscillation stops to minimize the current consumption.)
    Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)
• Bus interface function
    Including hold and ready functions




Similar Part No. - MB89613R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89601R FUJITSU-MB89601R Datasheet
615Kb / 44P
8-bit Proprietary Microcontroller
MB89601RPFV FUJITSU-MB89601RPFV Datasheet
615Kb / 44P
8-bit Proprietary Microcontroller
MB89603 FUJITSU-MB89603 Datasheet
615Kb / 44P
8-bit Proprietary Microcontroller
MB89603PFV FUJITSU-MB89603PFV Datasheet
615Kb / 44P
8-bit Proprietary Microcontroller
MB89623 FUJITSU-MB89623 Datasheet
937Kb / 61P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89613R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com