Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2987 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N2987 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N2987
Download  2N2987 Download
File Size   116.97 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description HIGH-FREQUENCY INTERMEDIATE-POWER TRANSISTORS

2N2987 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N2987 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N2987
Download  2N2987 Click to download

File Size   116.97 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description HIGH-FREQUENCY INTERMEDIATE-POWER TRANSISTORS

2N2987 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N2987 Product details

HIGH-FREQUENCY INTERMEDIATE-POWER TRANSISTORS

• 15 Watts at 100°C Case Temperature
• Typ VCE,,at) of 0.2 V at 200mA
• Typ VBE of 0.8 V at 200 mA
• Typ fT of 50 MHz at 10 V, 100mA




Similar Part No. - 2N2987

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N2987 NJSEMI-2N2987 Datasheet
124Kb / 1P
NPN SWITCHING TRANSISTORS
2N2987 NJSEMI-2N2987 Datasheet
279Kb / 2P
HIGH-FREQUENCY INTERMEDIALTE - POWER TRANSISTORS
2N2987 NJSEMI-2N2987 Datasheet
98Kb / 2P
20 STERN AVE.
2N2987 NJSEMI-2N2987 Datasheet
98Kb / 2P
20 STERN AVE
More results


Similar Description - 2N2987

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2240 NSC-LMX2240 Datasheet
208Kb / 12P
Intermediate Frequency Receiver
logo
Hongfa Technology
HF32FA-T HONGFA-HF32FA-T Datasheet
69Kb / 3P
SUBMINIATURE INTERMEDIATE POWER HIGH TEMPERATURE RELAY
logo
New Jersey Semi-Conduct...
2N1047A NJSEMI-2N1047A Datasheet
55Kb / 1P
INTERMEDIATE POWER SILICON TRANSISTORS
2N2987 NJSEMI-2N2987 Datasheet
279Kb / 2P
HIGH-FREQUENCY INTERMEDIALTE - POWER TRANSISTORS
2N4996 NJSEMI-2N4996 Datasheet
124Kb / 1P
HIGH-FREQUENCY TRANSISTORS
2N5003 NJSEMI-2N5003 Datasheet
144Kb / 1P
HIGH-FREQUENCY POWER TRANSISTORS
logo
Hongfa Technology
HF8 HONGFA-HF8 Datasheet
58Kb / 3P
SUBMINIATURE INTERMEDIATE HIGH TEMPERATURE POWER RELAY
HF32FA-T HONGFA-HF32FA-T_15 Datasheet
65Kb / 3P
SUBMINIATURE INTERMEDIATE HIGH TEMPERATURE POWER RELAY
HF32FA-T HONGFA-HF32FA-T Datasheet
66Kb / 3P
SUBMINIATURE INTERMEDIATE HIGH TEMPERATURE POWER RELAY
logo
Integrated Device Techn...
IDTF1200 IDT-IDTF1200 Datasheet
1Mb / 13P
Intermediate Frequency Digital Variable Gain Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com