Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89628R Datasheet (PDF) - fujitsu semiconductor

MB89628R Datasheet PDF - fujitsu semiconductor
Part # MB89628R
Download  MB89628R Download
File Size   622.84 Kbytes
Page   44 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89628R Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89628R Datasheet PDF - fujitsu semiconductor

Part # MB89628R
Download  MB89628R Click to download

File Size   622.84 Kbytes
Page   44 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89628R Datasheet (HTML) - fujitsu semiconductor


MB89628R Product details

■ DESCRIPTION
The MB89628R/629R/P629 have been developed as a general-purpose version of the F2MC*-8L family consisting of proprietary 8-bit, single-chip microcontrollers.
In addition to the F2MC-8L CPU core which can operate at low voltage but at high speed, the microcontrollers contain a variety of peripheral functions such as timers, serial interfaces, an A/D converter, and an external interrupt.
The MB89628R/629R/P629 are applicable to a wide range of applications from welfare to industrial equipment, including portable devices.

■ FEATURES
• Large-size RAM
    MB89P629: 4 Kbytes
    MB89628R: 3 Kbytes
    MB89629R: 3 Kbytes
• High-speed processing at low voltage
    Minimum execution time: 0.4 µs/3.5 V, 0.8 µs/2.7 V
• F2MC-8L family CPU core
    Instruction set optimized for controllers
        Multiplication and division instructions
        16-bit arithmetic operations
        Test and branch instructions
        Bit manipulation instructions, etc.
• Four types of timers
    8-bit PWM timer (also usable as a reload timer)
    8-bit pulse width count timer (Continuous measurement capable, applicable to remote control, etc.)
    16-bit timer/counter
    20-bit time-base timer
• Two serial interfaces
    Swichable the transfer direction allows communication with various equipment.
• 8-bit A/D converter
    Sense mode function enabling comparison at 5 µs
    Activation by an external input capable
• External interrupt: 4 channels
    Four channels are independent and capable of wake-up from low-power consumption modes (with an edge
    detection function).
• Low-power consumption modes
    Stop mode (Oscillation stops to reduce the current consumption.)
    Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)




Similar Part No. - MB89628R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89623 FUJITSU-MB89623 Datasheet
937Kb / 61P
8-bit Proprietary Microcontroller
MB89623P-SH FUJITSU-MB89623P-SH Datasheet
937Kb / 61P
8-bit Proprietary Microcontroller
MB89623PF FUJITSU-MB89623PF Datasheet
937Kb / 61P
8-bit Proprietary Microcontroller
MB89623PFM FUJITSU-MB89623PFM Datasheet
937Kb / 61P
8-bit Proprietary Microcontroller
MB89623PFV FUJITSU-MB89623PFV Datasheet
937Kb / 61P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89628R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com