Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89663 Datasheet (PDF) - fujitsu semiconductor

MB89663 Datasheet PDF - fujitsu semiconductor
Part # MB89663
Download  MB89663 Download
File Size   652.78 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89663 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89663 Datasheet PDF - fujitsu semiconductor

Part # MB89663
Download  MB89663 Click to download

File Size   652.78 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89663 Datasheet (HTML) - fujitsu semiconductor


MB89663 Product details

■ DESCRIPTION
The MB89660 series has been developed as a general-purpose version of the F2MC*-8L family consisting of proprietary 8-bit single-chip microcontrollers.
In addition to a compact instruction set, the microcontrollers contain a variety of peripheral functions such as timers, a UART, a serial interface, an 8-bit A/D converter, an input capture, an output compare, and an external interrupt. The MB89660 series is applicable to a wide range of applications from welfare products to industrial equipment.

■ FEATURES
• Package expansion
   QFP package
   SDIP package
• F2MC-8L family CPU core
   Instruction set optimized for controllers
      Multiplication and division instructions
      16-bit arithmetic operations
      Test and branch instructions
      Bit manipulation instructions, etc.
• Three types of timers
   8-bit PWM timer
   8/16-bit timer/counter
   20-bit time-base timer
• Functions that permit communications with a variety of devices
   UART which permits selection of synchronous/asynchronous communications
   A serial interface that permits selection of the transfer direction
• 8-bit A/D converter: 8 channels
   Sense mode function capable of performing compare operation in 5 µs
   Activation by external input possible
• Real-time control
   Input capture: 2 channels
   Output compare: 2 channels
• External interrupt: 4 channels
   Two channels are independent and capable of wake-up from low-power consumption modes (with an edge detection function).
• Low power consumption modes
   Stop mode (Oscillation stops to minimize the current consumption.)
   Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)
   Hardware standby mode (Wake-up from this mode and activation by pin input only.)




Similar Part No. - MB89663

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89663 FUJITSU-MB89663 Datasheet
605Kb / 48P
8-bit Proprietary Microcontroller
MB89663R FUJITSU-MB89663R Datasheet
649Kb / 47P
8-bit Proprietary Microcontroller
MB89663R FUJITSU-MB89663R Datasheet
602Kb / 47P
8-bit Proprietary Microcontroller
MB89663RP-SH FUJITSU-MB89663RP-SH Datasheet
649Kb / 47P
8-bit Proprietary Microcontroller
MB89663RP-SH FUJITSU-MB89663RP-SH Datasheet
602Kb / 47P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89663

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com