Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC115TS Datasheet (PDF) - NXP Semiconductors

PDTC115TS Datasheet PDF - NXP Semiconductors
Part # PDTC115TS
Download  PDTC115TS Download
File Size   78.67 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN resistor-equipped transistors; R1 =100 kW, R2 open

PDTC115TS Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTC115TS Datasheet PDF - NXP Semiconductors

Part # PDTC115TS
Download  PDTC115TS Click to download

File Size   78.67 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN resistor-equipped transistors; R1 =100 kW, R2 open

PDTC115TS Datasheet (HTML) - NXP Semiconductors


PDTC115TS Product details

General description
NPN resistor-equipped transistors.

Features
■ Built-in bias resistor
■ Reduces component count
■ Simplifies circuit design
■ Reduces pick and place costs

Applications
■ General-purpose switching and amplification
■ Circuit drivers
■ Inverter and interface circuits




Similar Part No. - PDTC115TS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC115TS NEXPERIA-PDTC115TS Datasheet
177Kb / 11P
NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
PDTC115TS NEXPERIA-PDTC115TS Datasheet
224Kb / 18P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
More results


Similar Description - PDTC115TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC115E PHILIPS-PDTC115E Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Aug 06
PDTA115T NXP-PDTA115T Datasheet
110Kb / 17P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05-2 September 2009
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
PDTC114TT-215 NXP-PDTC114TT-215 Datasheet
88Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006
PEMH24_PUMH24 PHILIPS-PEMH24_PUMH24_15 Datasheet
66Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 04-18 May 2005
logo
Nexperia B.V. All right...
PDTC114T NEXPERIA-PDTC114T Datasheet
587Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTC115T_SER NEXPERIA-PDTC115T_SER Datasheet
177Kb / 11P
NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
PDTA115T_SER NEXPERIA-PDTA115T_SER Datasheet
224Kb / 18P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com