Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89673PF Datasheet (PDF) - fujitsu semiconductor

MB89673PF Datasheet PDF - fujitsu semiconductor
Part # MB89673PF
Download  MB89673PF Download
File Size   795.99 Kbytes
Page   59 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89673PF Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89673PF Datasheet PDF - fujitsu semiconductor

Part # MB89673PF
Download  MB89673PF Click to download

File Size   795.99 Kbytes
Page   59 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89673PF Datasheet (HTML) - fujitsu semiconductor


MB89673PF Product details

■ DESCRIPTION
The MB89670/A series has been developed as a line of proprietary 8-bit, single-chip microcontrollers.
In addition to the F2MC*-8L CPU core which can operate at low voltage but at high speed, the microcontrollers contain pheripheral functions such as timers, a serial interface, an A/D converter, a UART, an up/down counter, and an external interrupt.
The MB89670/A series is applicable to a wide range of applications from welfare products to industrial equipment, including portable devices.

■ FEATURES
• F2MC-8L family CPU core
    Instruction set optimized for controllers
            Multiplication and division instructions
            16-bit arithmetic operations
            Test and branch instructions
            Bit manipulation instructions, etc.
• High-speed processing at low voltage
• Minimum execution time: 0.4 µs/3.5 V, 0.8 µs/2.7 V, 2.0 µs/2.2 V
• I/O ports: max. 69 channels
• Timers: 9 channels (MB89670A: 12 channels)
    8-bit PWM timer: 3 channels (MB89670A: 6 channels) (also usable as a reload timer)
    16-bit timer/counter
    21-bit time-base timer
    8/16-bit timer (8 bits × 2 channels or 16 bits)
    8/16-bit up/down counter timer (8 bits × 2 channels or 16 bits)
• Two serial interfaces
    8-bit synchronized serial: 1 channel (Switchable transfer direction allows communication with various equipment.)
    UART: 1 channel (with full-duplex double buffer)
• External interrupts: 8 channels
    Eight channels are independent and capable of wake-up from low-power consumption modes (with an edge detection function).
• Buzzer output
• 10-bit A/D converter
    8-channel input
• Low-power consumption modes
    Stop mode (Oscillation stops to minimize the current consumption.)
    Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)
• Bus interface function
    Including hold and ready functions




Similar Part No. - MB89673PF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89673AR FUJITSU-MB89673AR Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89673AR FUJITSU-MB89673AR Datasheet
739Kb / 59P
8-bit Proprietary Microcontroller
MB89673ARPF FUJITSU-MB89673ARPF Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89673ARPF FUJITSU-MB89673ARPF Datasheet
739Kb / 59P
8-bit Proprietary Microcontroller
MB89673ARPFM FUJITSU-MB89673ARPFM Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89673PF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com