Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89925 Datasheet (PDF) - fujitsu semiconductor

MB89925 Datasheet PDF - fujitsu semiconductor
Part # MB89925
Download  MB89925 Download
File Size   669.21 Kbytes
Page   46 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89925 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89925 Datasheet PDF - fujitsu semiconductor

Part # MB89925
Download  MB89925 Click to download

File Size   669.21 Kbytes
Page   46 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89925 Datasheet (HTML) - fujitsu semiconductor


MB89925 Product details

■ DESCRIPTION

The MB89920 series is a line of single-chip microcontrollers using the F2MC*-8L CPU core which can operate at low voltage but at high speed.

The microcontrollers in this series contain peripheral functions such as a PWM timer, an input capture/output compare control counter, an LCD controller/driver, an A/D converter, and a UART.

The MB89920 series can suit a wide range of applications such as analog input conversion, pulse input measurement/pulse output control, serial communications control, and display control.



■ FEATURES

• High speed processing at low voltage

  Minimum execution time: 0.5 µs/8.0 MHz

• F2MC-8L family CPU core

  Instruction set optimized for controllers

     Multiplication and division instructions

     16-bit arithmetic operations

     Test and branch instructions

     Bit manipulation instructions, etc.

• 8-bit PWM timer: 2 channels (also usable as a reload timer)

• 16-bit input capture: 2 channels / 16-bit output compare: 2 channels

• 20-bit time-base counter

• UART: 1 channel (with asynchronous transfer mode and 8-bit synchronous serial mode)

• 8-bit serial interface: 1 channel (LSB first/MSB first selectability)

• 10-bit A/D converter: 8 channels

• LCD controller/driver: 28 segments × 4 commons (max. 112 pixels)

• Low-voltage detection reset

• Watchdog timer reset

• External interrupt: 4 channels

  Four channels are independent and capable of wake-up from the low-power consumption mode (with edge detection function)

• Buzzer output/clock output

• Low-power consumption modes:

  Stop mode (The software stops oscillation to minimize the current consumption.)

  Sleep mode (The CPU stops to reduce current consumption to approx. 1/3 of normal.)

  Hardware standby mode (The pin input stops oscillation.)



 




Similar Part No. - MB89925

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89925 FUJITSU-MB89925 Datasheet
606Kb / 46P
8-bit Proprietary Microcontroller
MB89925PF FUJITSU-MB89925PF Datasheet
606Kb / 46P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89925

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89160 FUJITSU-MB89160 Datasheet
845Kb / 53P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com