Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90583B Datasheet (PDF) - fujitsu semiconductor

MB90583B Datasheet PDF - fujitsu semiconductor
Part # MB90583B
Download  MB90583B Download
File Size   2638.46 Kbytes
Page   124 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90583B Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90583B Datasheet PDF - fujitsu semiconductor

Part # MB90583B
Download  MB90583B Click to download

File Size   2638.46 Kbytes
Page   124 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90583B Datasheet (HTML) - fujitsu semiconductor


MB90583B Product details

■ DESCRIPTION
The MB90580B series is a line of general-purpose, Fujitsu 16-bit microcontrollers designed for process control applications which require high-speed real-time processing, such as consumer products.
While inheriting the AT architecture of the F2MC*1 family, the instruction set for the F2MC-16LX CPU core of the MB90580B series incorporates additional instructions for high-level languages, supports extended addressing modes, and contains enhanced multiplication and division instructions as well as a substantial collection of improved bit manipulation instructions. In addition, the MB90580B has an on-chip 32-bit accumulator which enables processing of long-word data.
The peripheral resources integrated in the MB90580B series include: an 8/10-bit A/D converter, an 8-bit D/A converter, UARTs (SCI) 0 to 4, an 8/16-bit PPG timer, 16-bit I/O timers (16-bit free-run timer, input capture units (ICUs) 0 to 3, output compare units (OCUs) 0 and 1), and an IEBusTM controller *2.
Notes: *1: F2MC stands for FUJITSU Flexible Microcontroller, a registered trademark of FUJITSU LIMITED.
       *2: IEBusTM is a trademark of NEC Corporation.
   
■ FEATURES
• Minimum execution time: 62.5 ns/4 MHz oscillation (Uses PLL clock multiplication) maximum multiplier = 4
• Maximum memory space
   16 Mbyte
   Linear/bank access
• Instruction set optimized for controller applications
   Supported data types: bit, byte, word, and long-word types
   Standard addressing modes: 23 types
   32-bit accumulator enhancing high-precision operations
   Signed multiplication/division and extended RETI instructions
• Enhanced high level language (C) and multitasking support instructions
   Use of a system stack pointer
   Symmetrical instruction set and barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed: 4 byte instruction queue
• Enhanced interrupt function
   Up to eight priority levels programmable
   External interrupt inputs: 8 lines
• Automatic data transmission function independent of CPU operation
   Up to 16 channels for the extended intelligent I/O service
   DTP request inputs: 8 lines
• Internal ROM
   FLASH: 128 Kbyte
   MASKROM: 128 Kbyte (MB90583B) , 64 Kbyte (MB90587)
• Internal RAM
   FLASH: 6 Kbyte
   MASKROM: 6 Kbyte (MB90583B) , 4 Kbyte (MB90587)
• General-purpose ports
   Up to 77 channels (Input pull-up resistor settable for: 24 channels. Output open drain settable for: 8 channels)
• IEBusTM controller*
   Three different data transfer rates selectable
      Mode 0: 3.9 Kbps (16 bytes/frame)
      Mode 1: 17.0 Kbps (32 bytes/frame)
      Mode 2: 26.0 Kbps (128 bytes/frame)
   *: IEBusTM is a trademark of NEC Corporation.
• A/D Converter (RC) : 8 ch
   8/10-bit resolution
   Conversion time: 34.7 µs (Min.) , 12 MHz operation
• D/A Converter: 2 ch
   8-bit resolutions
   Setup time: 12.5 µs
• UART : 5 ch
• 8/16 bit PPG : 1 ch
   8 bits × 2 channels: 16 bits × 1 channel: Mode switching function provided
• 16 bit reload timer: 3 ch
• 16-bit PWC timer: 1 channel
   Noise filter provided. Available to pulse width counter
• 16 bit I/O timer
   Input capture : 4 ch
   Output compare : 2 ch
   Free run timer: 1 ch
• Internal clock generator
• Time-base counter/watchdog timer: 18-bit
• Clock monitor function integrated
• Low-power consumption mode
   Sleep mode
   Stop mode
   Hardware standby mode
   CPU intermittent operation mode
• Package: LQFP-100 / QFP-100
• CMOS technology




Similar Part No. - MB90583B

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90583C FUJITSU-MB90583C Datasheet
2Mb / 124P
16-bit Proprietary Microcontroller
MB90583C FUJITSU-MB90583C Datasheet
1Mb / 110P
16-bit Proprietary Microcontroller
MB90583C FUJITSU-MB90583C Datasheet
614Kb / 112P
16-bit Proprietary Microcontroller
MB90583CA FUJITSU-MB90583CA Datasheet
2Mb / 124P
16-bit Proprietary Microcontroller
MB90583CA FUJITSU-MB90583CA Datasheet
1Mb / 110P
16-bit Proprietary Microcontroller
More results


Similar Description - MB90583B

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
16-BIT PROPRIETARY MICROCONTROLLER
MB90980 FUJITSU-MB90980 Datasheet
583Kb / 48P
16-bit Proprietary Microcontroller
MB90880 FUJITSU-MB90880 Datasheet
1Mb / 75P
16-Bit Proprietary Microcontroller
MB90860E FUJITSU-MB90860E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com