Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS-U55 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MPS-U55 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MPS-U55
Download  MPS-U55 Download
File Size   99.8 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description PNP SILICON ANNULAR AMPLIFIER TRANSISTOR

MPS-U55 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS-U55 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MPS-U55
Download  MPS-U55 Click to download

File Size   99.8 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description PNP SILICON ANNULAR AMPLIFIER TRANSISTOR

MPS-U55 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MPS-U55 Product details

PNP SILICON ANNULAR AMPLIFIER TRANSISTORS

. . . designed for general-purpose, high-voltage ampl fier and driver applications.

• High Collector-Emitter Breakdown Voltage -
   BVCEO = 60Vdc<Min) @ lc = 1 .0 mAdc - MPS-U55
                    80 Vdc (Mini @ Ic = 1,0 mAdc - MPS-U56
• High Power Dissipation - Prj = 1 0 W @ TC = 25°C
• Complements to NPN MPS-U05 and MPS-U06




Similar Part No. - MPS-U55

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS-U55 MOTOROLA-MPS-U55 Datasheet
213Kb / 2P
MPSU55 / MPSU56 PNP Silicon Amplifier ransistors
More results


Similar Description - MPS-U55

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD516 MOTOROLA-BD516 Datasheet
91Kb / 2P
PNP ILICON ANNULAR AMPLIFIER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3798 NJSEMI-2N3798 Datasheet
262Kb / 2P
PNP SILICON ANNULAR TRANSISTORS
2N4406 NJSEMI-2N4406 Datasheet
242Kb / 2P
PNP SILICON ANNULAR TRANSISTORS
2N4928 NJSEMI-2N4928 Datasheet
192Kb / 2P
HIGH-VOLTAGE PNP SILICON ANNULAR TRANSISTORS
2N4957 NJSEMI-2N4957 Datasheet
156Kb / 1P
PNP SILICON ANNULAR SMALL-SIGNAL
MPSU07 NJSEMI-MPSU07 Datasheet
107Kb / 2P
NPN SILICON ANNULAR AMPLIFIER TRANSISTOR
MPSU05 NJSEMI-MPSU05 Datasheet
105Kb / 2P
NPN SILICON ANNULAR AMPLIFIER TRANSISTOR
MPSU57 NJSEMI-MPSU57 Datasheet
98Kb / 2P
PNP SILICON ANNULAR AMPLIFIER TRANSISTOR
MPS-U52 NJSEMI-MPS-U52 Datasheet
83Kb / 1P
PNP silicon annular amplifier transistors
MPS-U02 NJSEMI-MPS-U02 Datasheet
89Kb / 1P
NPN silicon annular amplifier transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com