Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90552APF Datasheet (PDF) - fujitsu semiconductor

MB90552APF Datasheet PDF - fujitsu semiconductor
Part # MB90552APF
Download  MB90552APF Download
File Size   695.47 Kbytes
Page   58 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90552APF Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90552APF Datasheet PDF - fujitsu semiconductor

Part # MB90552APF
Download  MB90552APF Click to download

File Size   695.47 Kbytes
Page   58 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90552APF Datasheet (HTML) - fujitsu semiconductor


MB90552APF Product details

■ DESCRIPTION

The MB90550A/550B series is a line of general-purpose, high-performance, 16-bit microcontrollers designed for applications which require high-speed real-time processing, such as industrial machines, OA equipment, and process control systems.

While inheriting the AT architecture of the F2MC*-8 family, the instruction set for the MB90550A/550B series incorporates additional instructions for high-level languages, supports extended addressing modes, and contains enhanced multiplication and division instructions as well as a substantial collection of improved bit manipulation instructions. In addition, the MB90550A/550B has an on-chip 32-bit accumulator which enables processing of long-word data.

MB90552B and MB90553B are radiation noise decreased type. There are no change in the functional specification.



■ FEATURES

• Minimum instruction execution time: 62.5 ns (at oscillation of 4 MHz, × four times the PLL clock)

• Maximum memory space: 16 Mbytes

• Instruction set optimized for controller applications

   Supported data types: Bit, byte, word and long word

   Typical addressing mode: 23 types

   Enhanced precision calculation realized by 32-bit accumulator

   Enhanced signed multiplication/division instruction and RETI instruction functions

• Instruction set designed for high level language (C) and multi-task operations

   Adoption of system stack pointer

   Symmetrical instruction set and barrel shift instructions

• Integrated address match detection function (for two address pointers)

• Faster execution speed: 4-byte queue

• Powerful interrupt functions (Eight priority levels programmable)

   External interrupt inputs: 8 channels

• Data transfer functions (Intelligent I/O service): Up to 16 channels DTP request inputs: 8 channels

• Embedded ROM size (EPROM, Flash: 128 Kbytes)

   Mask ROM: 64 Kbytes/128 Kbytes

• Embedded RAM size (EPROM, Flash: 4 Kbytes)

   Mask ROM: 2 Kbytes/4 Kbytes

• General-purpose ports: Up to 83 channels

   (Input pull-up resistor settable for: 16 channels; Open drain settable for: 8 channels; I/O open drains: 6 channels)

• A/D converter (RC successive approximation type): 8 channels

   (Resolution: 8 or 10 bits selectable; Conversion time of 26.3 µs minimum)

• UART: 1 channel

• Extended I/O serial interface: 2 channels

• I2C interface: 2 channels

   (Two channels, including one switchable between terminal input and output)

• 16-bit reload timer: 2 channels

• 8/16-bit PPG timer: 3 channels

   (8 bits × 2 channels; 16 bits x 1 channel: Mode switching function provided)

• 16-bit I/O timer (Input capture × 4 channels, output compare × 4 channels, free run timer ×1 channel)

• Clock monitor function integrated (Delivering the oscillation clock divided by 21 to 28)

• Timebase timer/watchdog timer: 18 bits

• Low power consumption modes (sleep, stop, hardware standby, and CPU intermittent operation modes)

• Package: QFP-100, LQFP-100

• CMOS technology



 




Similar Part No. - MB90552APF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90552APF FUJITSU-MB90552APF Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90552APF FUJITSU-MB90552APF Datasheet
1Mb / 64P
16-bit Proprietary Microcontroller
MB90552APF FUJITSU-MB90552APF Datasheet
1Mb / 64P
16-bit Proprietary Microcontroller
More results


Similar Description - MB90552APF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
16-BIT PROPRIETARY MICROCONTROLLER
MB90980 FUJITSU-MB90980 Datasheet
583Kb / 48P
16-bit Proprietary Microcontroller
MB90880 FUJITSU-MB90880 Datasheet
1Mb / 75P
16-Bit Proprietary Microcontroller
MB90860E FUJITSU-MB90860E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com