Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ16008 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MJ16008 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MJ16008
Download  MJ16008 Download
File Size   97.84 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS

MJ16008 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ16008 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MJ16008
Download  MJ16008 Click to download

File Size   97.84 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS

MJ16008 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MJ16008 Product details

These transistors are designed for high-voltage,high-speed, power switching in inductive circuits where fell time is cirtical. They are particularly suited for line-operated switchmode applicaCons.The MJ16008 is a selected high-gain version of the MJ16006 for applications where drive current is limited

Features:
* Fast Turn-Off Times
* Operating Temperature Range - 65 to+200°C
* 100°C Performance Specified for: Reverse-Biased SOAWith Inductive Loads Switching Times With Inductive Loads Saturation Voltages Leakage Currents

Typical Applications:
* Switching Regulators
* Inverters
* Solenoid and Relay Drives
* Motor Controls
* Deflection Circuits




Similar Part No. - MJ16008

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ16008 MOSPEC-MJ16008 Datasheet
223Kb / 4P
POWER TRANSISTORS(8A,450V,150W)
logo
Inchange Semiconductor ...
MJ16008 ISC-MJ16008 Datasheet
137Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - MJ16008

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
SWITCHMODE Series NPN Silicon Power Transistors
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P Datasheet
430Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com