Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS312 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

LS312 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # LS312
Download  LS312 Download
File Size   97.51 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description MONOLITHIC DUAL NPN TRANSISTORS

LS312 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS312 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # LS312
Download  LS312 Click to download

File Size   97.51 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description MONOLITHIC DUAL NPN TRANSISTORS

LS312 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


LS312 Product details

FEATURES
    VERY HIGH GAIN                 hFE ≥ 200 @ 10µA-1mA
    TIGHT VBE MATCHING       |VBE1-VBE2| = 0.2mV TYP.
    HIGH fT                                 250MHz TYP. @ 1mA




Similar Part No. - LS312

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS312 LINEAR-LS312 Datasheet
29Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS312 MICROSS-LS312 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
logo
Linear Integrated Syste...
LS312 LINEAR-LS312 Datasheet
360Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
Littelfuse
LS3126-2 LITTELFUSE-LS3126-2 Datasheet
609Kb / 7P
POWR-BLOKS Distribution/Splicer Blocks and Covers
logo
Micross Components
LS312_P-DIP MICROSS-LS312_P-DIP Datasheet
276Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results


Similar Description - LS312

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3250 LINEAR-3250 Datasheet
298Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS301-3 LINEAR-LS301-3 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LS310-3 LINEAR-LS310-3 Datasheet
29Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS318 LINEAR-LS318 Datasheet
29Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LSIT120-2 LINEAR-LSIT120-2 Datasheet
28Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LSIT124 LINEAR-LSIT124 Datasheet
28Kb / 2P
SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LS301 LINEAR-LS301_14 Datasheet
178Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LS310 LINEAR-LS310_14 Datasheet
360Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS318 LINEAR-LS318_14 Datasheet
286Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS3250 LINEAR-LS3250_14 Datasheet
291Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com