Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM30LV0128 Datasheet (PDF) - fujitsu semiconductor

MBM30LV0128 Datasheet PDF - fujitsu semiconductor
Part # MBM30LV0128
Download  MBM30LV0128 Download
File Size   384.18 Kbytes
Page   41 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 128 M (16 M X 8) BIT NAND-type

MBM30LV0128 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBM30LV0128 Datasheet PDF - fujitsu semiconductor

Part # MBM30LV0128
Download  MBM30LV0128 Click to download

File Size   384.18 Kbytes
Page   41 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 128 M (16 M X 8) BIT NAND-type

MBM30LV0128 Datasheet (HTML) - fujitsu semiconductor


MBM30LV0128 Product details

■ DESCRIPTION
The MBM30LV0128 device is a single 3.3 V 16 M × 8 bit NAND flash memory organized as 528 byte × 32 pages × 1024 blocks. Each 528 byte page contains 16 bytes of optionally selected spare area which may be used to store ECC code (Specifications indicated are on condition that ECC system would be combined) . Program and read data is transferred between the memory array and page register in 528 byte increments. A 528 byte page can be programmed in 200 µs and an 16 K byte block can be erased in 2 ms under typical conditions. An internal controller automates all programs and erases operations including the verification of data margins.

■ FEATURES
• 3.3 V-only operating voltage (2.7 V to 3.6 V)
    Minimizes system level power requirements
• Organization
    Memory Cell Array : (16 M + 512 K) × 8 bit
    Data Register : (512 + 16) × 8 bit
• Automatic Program and Erase
    Page Program : (512 + 16) Byte
    Block Erase : (16 K + 512) Byte
• 528 Byte Page Read Operation
    Random Access : 10 µs (Max.)
    Serial Access : 35 ns (Max.)
• Fast Program and Erase
    Program Time : 200 µs (Typ.) / page
    Block Erase Time : 2 ms (Typ.) / block
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
• 1,000,000 write/erase cycles guaranteed (ECC system required)
• Command Register Operation
• Package
    48-pin TSOP Type I (0.5 mm pitch)
    Normal/Reverse Type
• Data Retention : 10 years




Similar Part No. - MBM30LV0128

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM30LV0032 FUJITSU-MBM30LV0032 Datasheet
403Kb / 42P
32M (4M X 8) BIT NAND-type
MBM30LV0032-PFTN FUJITSU-MBM30LV0032-PFTN Datasheet
403Kb / 42P
32M (4M X 8) BIT NAND-type
MBM30LV0032-PFTR FUJITSU-MBM30LV0032-PFTR Datasheet
403Kb / 42P
32M (4M X 8) BIT NAND-type
MBM30LV0064 FUJITSU-MBM30LV0064 Datasheet
397Kb / 43P
64M (8M X 8) BIT NAND-type
MBM30LV0064-PFTN FUJITSU-MBM30LV0064-PFTN Datasheet
397Kb / 43P
64M (8M X 8) BIT NAND-type
More results


Similar Description - MBM30LV0128

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29DL640E80 FUJITSU-MBM29DL640E80 Datasheet
913Kb / 71P
64 M (8 M X 8/4 M X 16) BIT Dual Operation
MBM29LV320TE FUJITSU-MBM29LV320TE Datasheet
877Kb / 64P
32 M (4 M X 8/2 M X 16) BIT
logo
Hitachi Semiconductor
HM628128 HITACHI-HM628128 Datasheet
124Kb / 20P
1 M SRAM (128-kword x 8-bit)
HM628128DI HITACHI-HM628128DI Datasheet
84Kb / 16P
1 M SRAM (128-kword X 8-bit)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
1 M SRAM (128-KWORD X 8 BIT)
logo
fujitsu semiconductor
MBM29DL64DF-70 FUJITSU-MBM29DL64DF-70 Datasheet
854Kb / 68P
FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
logo
Hitachi Semiconductor
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
1 M VRAM (128-kword x 8-bit)
logo
SPANSION
AM49LV128BM SPANSION-AM49LV128BM Datasheet
2Mb / 98P
128 Megabit (8 M x 16-Bit) MirrorBit??Uniform Sector Flash Memory and 32 Mbit (2 M x 16-Bit)
logo
fujitsu semiconductor
MB82DBS08164D-70L FUJITSU-MB82DBS08164D-70L Datasheet
447Kb / 60P
128 M Bit (8 M word x 16 bit) Mobile Phone Application Specific Memory
logo
Eon Silicon Solution In...
EN27LN1G08 EON-EN27LN1G08 Datasheet
888Kb / 41P
1 Gigabit (128 M x 8), 3.3 V NAND Flash Memory
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com