Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICONDUCTOR Datasheet (PDF) - fujitsu semiconductor

MICONDUCTOR Datasheet PDF - fujitsu semiconductor
Part # MICONDUCTOR
Download  MICONDUCTOR Download
File Size   516.97 Kbytes
Page   37 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontrollers

MICONDUCTOR Datasheet (PDF)

Go To PDF Page Download Datasheet
MICONDUCTOR Datasheet PDF - fujitsu semiconductor

Part # MICONDUCTOR
Download  MICONDUCTOR Click to download

File Size   516.97 Kbytes
Page   37 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontrollers

MICONDUCTOR Datasheet (HTML) - fujitsu semiconductor


MICONDUCTOR Product details

DESCRIPTION
The MB89590B/BW series is a line of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, these microcontrollers contain a variety of peripheral functions, such as PLL clock control, timers, a serial interface, a PWM timer, the USB hub function, and the USB function. The USB hub function, in particular, supports five ports (one of them is dedicated to an internal function) allowing them to interface with other USB devices. The microcontrollers also contain one USB function channel to support high speeds.

FEATURES
• Package type
    64-pin LQFP package (0.5 mm pitch)
• High-speed operations at low voltage
    Minimum execution time : 0.33 µs (Automatically generates a 12 MHz main clock and a 48 MHz USB interface synchronization clock with an externally supplied 6 MHz clock and the internal PLL circuit.)
• F2MC-8L CPU core
    Instruction set that is optimum to the controllers
        Multiplication and division instructions, 16-bit arithmetic operations, Branch instructions by bit testing, Bit manipulation instructions, etc.
• PLL clock control
    The internal PLL clock circuit allows the use of low-speed clocks which are advantageous to noise characteristics.
    (6 MHz externally supplied clock : Internal system clock oscillated at 12 MHz)
• Various timers
    8-bit PWM timer (can be used as either 8-bit PWM timer × 2 channels or PPG timer × 1 channel)
    Internal 21-bit timebase timer
• Internal USB transceiver circuit (Compatible with high and low speeds)
• USB hub
    Compliant to USB Protocol Revision 1.0
    Five downstream port channels (One of these channels is dedicated to a function.)
    Automatically responds to all USB protocols by hardware.
    Descriptor configuration information is provided as ROM data for automatic responding by hardware (vendor
    ID and product ID) .
* String data is not supported.
    Allows switching between BUS power supply and own power supply modes.
    Power supply to the USB down ports is controlled port by port.
• USB function
    Compliant to USB Protocol Revision 1.0
    Support for full speed
    Allows four endpoints to be specified at maximum.
    Types of transfer supported : control/interrupt/bulk/isochronous
    Built-in DMAC (Maps the buffer for each endpoint on to the internal RAM to directly access the memory for
    function’s send and receive data.)
• UART/serial interface
    Built-in UART/SIO function (selectable by switching)
• External interrupt
    External interrupt (level detection × 8 channels)
    Eight inputs are independent of one another and can also be used for resetting from low-power consumption mode (the L-level detection feature available) .
• Low power consumption (standby mode supported)
    Stop mode (There is almost no current consumption since oscillation stops.)
    Sleep mode (This mode stops the running CPU.)
• A maximum of 45 general-purpose I/O ports
    General-purpose I/O ports (CMOS) : 34
    General-purpose output ports (CMOS) : 8
    General-purpose I/O ports (Nch open drain) : 3
• Power supply
    Supply voltage : 3.0 to 5.5 V




Similar Part No. - MICONDUCTOR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MIC VISHAY-MIC Datasheet
108Kb / 3P
Thin Film Microwave Resistor
14-Mar-08
logo
List of Unclassifed Man...
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
logo
Cooper Bussmann, Inc.
MIC-1 COOPER-MIC-1 Datasheet
375Kb / 2P
MIC 13??2? x 1-1/2? 250Vac pin indicating fast-acting supplemental fuses
logo
List of Unclassifed Man...
MIC-1 ETC1-MIC-1 Datasheet
375Kb / 2P
fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
MIC-10 COOPER-MIC-10 Datasheet
375Kb / 2P
MIC 13??2? x 1-1/2? 250Vac pin indicating fast-acting supplemental fuses
More results


Similar Description - MICONDUCTOR

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
8-bit Proprietary Microcontrollers
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
8-bit Proprietary Microcontrollers
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com