Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A4008 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE15A4008 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE15A4008
Download  PE15A4008 Download
File Size   503.53 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Power High Gain Amplifier, 3.5 dB NF, SMA

PE15A4008 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE15A4008 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE15A4008
Download  PE15A4008 Click to download

File Size   503.53 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Power High Gain Amplifier, 3.5 dB NF, SMA

PE15A4008 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE15A4008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE15A4001 PASTERNACK-PE15A4001_17 Datasheet
479Kb / 6P
TECHNICAL DATA SHEET
PE15A4002 PASTERNACK-PE15A4002 Datasheet
481Kb / 6P
Amplifier, 33 dB Gain, 39 dBm IP3, 6 dB NF, SMA
PE15A4003 PASTERNACK-PE15A4003 Datasheet
479Kb / 6P
Amplifier, 32 dB Gain, 42 dBm IP3, 5 dB NF, SMA
PE15A4004 PASTERNACK-PE15A4004 Datasheet
480Kb / 6P
Amplifier, 38 dB Gain, 39 dBm IP3, 5 dB NF, SMA
More results


Similar Description - PE15A4008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3503 PASTERNACK-PE15A3503 Datasheet
488Kb / 6P
High Gain Amplifier, 39 dBm IP3, 5 dB NF, SMA
PE15A3507 PASTERNACK-PE15A3507 Datasheet
479Kb / 6P
High Gain Amplifier, 39 dBm IP3, 6 dB NF, SMA
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE15A4002 PASTERNACK-PE15A4002 Datasheet
481Kb / 6P
Amplifier, 33 dB Gain, 39 dBm IP3, 6 dB NF, SMA
PE15A4004 PASTERNACK-PE15A4004 Datasheet
480Kb / 6P
Amplifier, 38 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4010 PASTERNACK-PE15A4010 Datasheet
502Kb / 6P
Power High Gain Amplifier, 2 dB NF, SMA
PE15A5002 PASTERNACK-PE15A5002 Datasheet
483Kb / 6P
Power High Gain Amplifier, 4 dB NF, SMA
PE15A5003 PASTERNACK-PE15A5003 Datasheet
478Kb / 6P
Power High Gain Amplifier, 3.5 dB NF, SMA
PE15A5039 PASTERNACK-PE15A5039 Datasheet
428Kb / 4P
42 dB Gain, 25 Watt P1dB, 860 MHz to 960 MHz, High Power High Gain Amplifier, 58 dBm IP3, 3.5 dB NF, SMA
PE15A5042 PASTERNACK-PE15A5042 Datasheet
431Kb / 5P
42 dB Gain, 18 Watt Psat, 860 MHz to 960 MHz, High Power High Gain Amplifier, 55 dBm IP3, 3.5 dB NF, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com