Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4704 Datasheet (PDF) - General Semiconductor

1N4704 Datasheet PDF - General Semiconductor
Part # 1N4704
Download  1N4704 Download
File Size   40.04 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description ZENER DIODES

1N4704 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4704 Datasheet PDF - General Semiconductor

Part # 1N4704
Download  1N4704 Click to download

File Size   40.04 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description ZENER DIODES

1N4704 Datasheet (HTML) - General Semiconductor


1N4704 Product details

FEATURES
♦ Silicon Planar Zener Diodes
♦ Standard Zener voltage tolerance is ± 5%. Other tolerances are available upon request.
♦ High temperature soldering guaranteed: 250°C/10 seconds, 0.375” (9.5mm) lead length.
♦ These diodes are also available in SOD-123 case with the type designation   
   MMSZ4681...MMSZ4717 and SOT-23 case
   with the type designation MMBZ4681...MMBZ4717.

MECHANICAL DATA
Case: DO-35 Glass Case
Weight: approx. 0.13 g
Terminals: Solderable, per MIL-STD-750, method 2026.




Similar Part No. - 1N4704

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4704 VISHAY-1N4704 Datasheet
67Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Compensated Deuices Inc...
1N4704 CDI-DIODE-1N4704 Datasheet
116Kb / 2P
50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Knox Semiconductor, Inc
1N4704 KNOX-1N4704 Datasheet
36Kb / 1P
LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
Microsemi Corporation
1N4704 MICROSEMI-1N4704 Datasheet
48Kb / 1P
SILICON 250 mW ZENER DIODES
logo
TAITRON Components Inco...
1N4704 TAITRON-1N4704 Datasheet
245Kb / 4P
ZENER DIODES
More results


Similar Description - 1N4704

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com