Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF914 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF914 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF914
Download  MRF914 Download
File Size   90.31 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS

MRF914 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF914 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF914
Download  MRF914 Click to download

File Size   90.31 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS

MRF914 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF914 Product details

DESCRIPTION:
Designed primarily for use in High Gain, low noise general purpose amplifiers. Also excellent for high speed switching applications.

Features
• Silicon NPN, High Frequency Transistor
• High Power Gain - Gmax = 15 dB (typ) @ f = 500 MHz
• Low Noise Figure: NF = 2.5 dB (typ) @ f = 500 MHz
• High FT - 4.5 GHz (typ) @ IC = 20 mAdc




Similar Part No. - MRF914

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MRF914 MICROSEMI-MRF914 Datasheet
85Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Similar Description - MRF914

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 ADPOW-BFR91 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com