Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF329 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF329 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF329
Download  MRF329 Download
File Size   85.69 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon RF Power Transistor

MRF329 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF329 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF329
Download  MRF329 Click to download

File Size   85.69 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon RF Power Transistor

MRF329 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF329 Product details

The RF Line
NPN Silicon RF Power Transistor

. . . designed primarily for wideband large–signal output and driver amplifier stages in the 100 to 500 MHz frequency range.

• Specified 28 Volt, 400 MHz Characteristics —
   Output Power = 100 Watts
   Minimum Gain = 7.0 dB
   Efficiency = 50% (Min)
• Built–In Matching Network for Broadband Operation Using Double Match
   Technique
• 100% Tested for Load Mismatch at all Phase Angles with 3:1 VSWR
• Gold Metallization System for High Reliability




Similar Part No. - MRF329

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF329 MOTOROLA-MRF329 Datasheet
107Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF329 ASI-MRF329 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Similar Description - MRF329

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com