Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF247 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF247 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF247
Download  MRF247 Download
File Size   84.88 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon RF Power Transistor

MRF247 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF247 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF247
Download  MRF247 Click to download

File Size   84.88 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon RF Power Transistor

MRF247 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF247 Product details

The RF Line
NPN Silicon RF Power Transistor

The MRF247 is designed for 12.5 Volt VHF large–signal amplifier applications in industrial and commercial FM equipment operating to 175 MHz.

• Specified 12.5 Volt, 175 MHz Characteristics —
   Output Power = 75 Watts
   Power Gain = 7.0 dB Min
   Efficiency = 55% Min
• Characterized With Series Equivalent Large–Signal Impedance Parameters
• Internal Matching Network Optimized for Minimum Gain Frequency Slope
   Response Over the Range 136 to 175 MHz
• Load Mismatch Capability at Rated Pout and Supply Voltage




Similar Part No. - MRF247

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF247 MOTOROLA-MRF247 Datasheet
151Kb / 4P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF247 ASI-MRF247 Datasheet
38Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Similar Description - MRF247

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com