Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3385 Datasheet (PDF) - NEC

2SK3385 Datasheet PDF - NEC
Part # 2SK3385
Download  2SK3385 Download
File Size   42.07 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE

2SK3385 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3385 Datasheet PDF - NEC

Part # 2SK3385
Download  2SK3385 Click to download

File Size   42.07 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE

2SK3385 Datasheet (HTML) - NEC


2SK3385 Product details

DESCRIPTION

The 2SK3385 is N-Channel MOS Field Effect Transistor designed for high current switching applications.



FEATURES

• Low On-state Resistance

   RDS(on)1 = 28 mΩ MAX. (VGS = 10 V, ID = 15 A)

   RDS(on)2 = 45 mΩ MAX. (VGS = 4.0 V, ID = 15 A)

• Low Ciss : Ciss = 1500 pF TYP.

• Built-in Gate Protection Diode

• TO-251/TO-252 package



 




Similar Part No. - 2SK3385

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3385 KEXIN-2SK3385 Datasheet
46Kb / 1P
MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK3385 VBSEMI-2SK3385 Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3385 ISC-2SK3385 Datasheet
398Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3385 RENESAS-2SK3385 Datasheet
236Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
logo
Inchange Semiconductor ...
2SK3385-Z ISC-2SK3385-Z Datasheet
331Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK3385

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2511 NEC-2SK2511 Datasheet
116Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP80N055 NEC-NP80N055 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SK1294 RENESAS-2SK1294 Datasheet
379Kb / 9P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
July 1993
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com