Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4420BM Datasheet (PDF) - Micrel Semiconductor

MIC4420BM Datasheet PDF - Micrel Semiconductor
Part # MIC4420BM
Download  MIC4420BM Download
File Size   231.5 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 6A-Peak Low-Side MOSFET Driver

MIC4420BM Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4420BM Datasheet PDF - Micrel Semiconductor

Part # MIC4420BM
Download  MIC4420BM Click to download

File Size   231.5 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 6A-Peak Low-Side MOSFET Driver

MIC4420BM Datasheet (HTML) - Micrel Semiconductor


MIC4420BM Product details

General Description

MIC4420, MIC4429 and MIC429 MOSFET drivers are tough, efficient, and easy to use. The MIC4429 and MIC429 are inverting drivers, while the MIC4420 is a non-inverting driver.

They are capable of 6A (peak) output and can drive the largest MOSFETs with an improved safe operating margin. The MIC4420/4429/429 accepts any logic input from 2.4V to VS without external speed-up capacitors or resistor networks. Proprietary circuits allow the input to swing negative by as much as 5V without damaging the part. Additional circuits protect against damage from electrostatic discharge.



Features

• CMOS Construction

• Latch-Up Protected: Will Withstand >500mA

Reverse Output Current

• Logic Input Withstands Negative Swing of Up to 5V

• Matched Rise and Fall Times ................................25ns

• High Peak Output Current ............................... 6A Peak

• Wide Operating Range ...............................4.5V to 18V

• High Capacitive Load Drive ............................10,000pF

• Low Delay Time .............................................. 55ns Typ

• Logic High Input for Any Voltage From 2.4V to VS

• Low Equivalent Input Capacitance (typ)..................6pF

• Low Supply Current ...............450µA With Logic 1 Input

• Low Output Impedance ......................................... 2.5Ω

• Output Voltage Swing Within 25mV of Ground or VS



Applications

• Switch Mode Power Supplies

• Motor Controls

• Pulse Transformer Driver

• Class-D Switching Amplifiers




Similar Part No. - MIC4420BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420BM MICREL-MIC4420BM Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4420BM MICREL-MIC4420BM Datasheet
228Kb / 12P
6A-Peak Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4420BM MIC-MIC4420BM Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420BMM MICREL-MIC4420BMM Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4420BMM MICREL-MIC4420BMM Datasheet
228Kb / 12P
6A-Peak Low-Side MOSFET Driver
More results


Similar Description - MIC4420BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
6A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_05 Datasheet
196Kb / 10P
6A-Peak Low-Side MOSFET Driver
MIC4420 MICREL-MIC4420_05 Datasheet
228Kb / 12P
6A-Peak Low-Side MOSFET Driver
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420YM MICREL-MIC4420YM Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com