Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR101 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MCR101 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MCR101
Download  MCR101 Download
File Size   90.94 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon Controlled Rectifiers

MCR101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCR101 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MCR101
Download  MCR101 Click to download

File Size   90.94 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon Controlled Rectifiers

MCR101 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MCR101 Product details

Silicon Controlled Rectifiers
Reverse Blocking Triode Thyristor

Annular PNPN devices designed for low cost, high volume consumer applications such as relay and lamp drivers, small motor controls, gate drivers for larger thyristors, and sensing and detection circuits. Supplied in an inexpensive plastic TO-92 package which is readily adaptable for use in automatic insertion equipment.

• Sensitive Gate Trigger Current — 200 μA Maximum
• Low Reverse and Forward Blocking Current — 100 μA Maximum, TC = 85°C
• LowHolding Current — 5 mA Maximum
• Passivated Surface for Reliability and Uniformity
• Also Available with TO-5 or TO-18 Lead Form




Similar Part No. - MCR101

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MCR101 UTC-MCR101 Datasheet
105Kb / 4P
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101 Datasheet
183Kb / 5P
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
Digitron Semiconductors
MCR101 DIGITRON-MCR101 Datasheet
136Kb / 2P
SILICON CONTROLLED RECTIFIERS
logo
Unisonic Technologies
MCR101-4 UTC-MCR101-4 Datasheet
105Kb / 4P
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101-4-AA-T92-B UTC-MCR101-4-AA-T92-B Datasheet
105Kb / 5P
FH LW SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
More results


Similar Description - MCR101

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
Silicon Controlled Rectifiers
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
SILICON CONTROLLED RECTIFIERS
logo
SemiWell Semiconductor
SCP25C60 SEMIWELL-SCP25C60 Datasheet
636Kb / 5P
Silicon Controlled Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com