Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2N3 Datasheet (PDF) - Littelfuse

L2N3 Datasheet PDF - Littelfuse
Part # L2N3
Download  L2N3 Download
File Size   176.64 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Sensitive Triacs

L2N3 Datasheet (PDF)

Go To PDF Page Download Datasheet
L2N3 Datasheet PDF - Littelfuse

Part # L2N3
Download  L2N3 Click to download

File Size   176.64 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Sensitive Triacs

L2N3 Datasheet (HTML) - Littelfuse


L2N3 Product details

General Description
The sidac is a silicon bilateral voltage triggered switch with greater power-handling capabilities than standard diacs. Upon application of a voltage exceeding the sidac breakover voltage point, the sidac switches on through a negative resistance region to a low on-state voltage. Conduction continues until the current is interrupted or drops below the minimum holding current of the device.

Features
• RoHS Compliant
• AC circuit oriented
• Glass-passivated junctions
• High surge current capability

Applications
• High-voltage lamp ignitors
• Natural gas ignitors
• Gas oil ignitors
• High-voltage power supplies
• Xenon ignitors
• Overvoltage protector
• Pulse generators
• Fluorescent lighting ignitors
• HID lighting ignitors




Similar Part No. - L2N3

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L2N3 TECCOR-L2N3 Datasheet
168Kb / 8P
Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L2N3 LITTELFUSE-L2N3 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L2N3 TECCOR-L2N3 Datasheet
178Kb / 8P
Electrically-isolated packages
logo
Littelfuse
L2N3 LITTELFUSE-L2N3 Datasheet
176Kb / 8P
RoHS Compliant
logo
Leshan Radio Company
L2N3904 LRC-L2N3904 Datasheet
134Kb / 6P
General Purpose Transistors NPN Silicon
More results


Similar Description - L2N3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
Tiger Electronic Co.,Lt...
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
Triacs sensitive gate
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
Triacs sensitive gate
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
Sensitive Gate Triacs
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com