Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6436 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N6436 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N6436
Download  2N6436 Download
File Size   86.43 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description HIGH-POWER PNP SILICON TRANSISTORS

2N6436 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6436 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N6436
Download  2N6436 Click to download

File Size   86.43 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description HIGH-POWER PNP SILICON TRANSISTORS

2N6436 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N6436 Product details

HIGH-POWER PNP SILICON TRANSISTORS

... designed for use in industrial power amplifiers and switching circuit applications.

FEATURES:
* High DC Current Gain hFE=20-80©lc=10A =12 (Min)®lc=25A
* Low Collector-Emitter Saturation Voltage VCB(sat)= 1.0V (Max.) @ lc = 10 A, IB= 1.0A
* Complementto2N6338 thru 2N6340




Similar Part No. - 2N6436

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6436 MOSPEC-2N6436 Datasheet
191Kb / 4P
POWER TRANSISTORS(25A,200W)
logo
Boca Semiconductor Corp...
2N6436 BOCA-2N6436 Datasheet
198Kb / 4P
HIGH-POWER PNP SILICON TRANSISTORS
logo
Savantic, Inc.
2N6436 SAVANTIC-2N6436 Datasheet
113Kb / 3P
Silicon PNP Power Transistors
logo
Seme LAB
2N6436 SEME-LAB-2N6436 Datasheet
41Kb / 2P
HIGH POWER PNP SILICON TRANSISTORS
logo
Inchange Semiconductor ...
2N6436 ISC-2N6436 Datasheet
131Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2N6436

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N4398 BOCA-2N4398 Datasheet
165Kb / 4P
PNP SILICON HIGH-POWER TRANSISTORS
2N6436 BOCA-2N6436 Datasheet
198Kb / 4P
HIGH-POWER PNP SILICON TRANSISTORS
logo
ON Semiconductor
MJD5731 ONSEMI-MJD5731 Datasheet
95Kb / 8P
High Voltage PNP Silicon Power Transistors
March, 2003 - Rev. 0
2N6437 ONSEMI-2N6437 Datasheet
77Kb / 8P
High-Power PNP Silicon Transistors
April, 2001 ??Rev. 2
logo
Seme LAB
2N6436 SEME-LAB-2N6436 Datasheet
41Kb / 2P
HIGH POWER PNP SILICON TRANSISTORS
logo
ON Semiconductor
MJD5731 ONSEMI-MJD5731_11 Datasheet
119Kb / 5P
High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
logo
New Jersey Semi-Conduct...
2N4398 NJSEMI-2N4398 Datasheet
390Kb / 3P
PNP SILICON HIGH-POWER TRANSISTORS
logo
ON Semiconductor
MJD5731 ONSEMI-MJD5731_13 Datasheet
133Kb / 5P
High Voltage PNP Silicon Power Transistors
August, 2013 ??Rev. 5
logo
Mospec Semiconductor
2SB554 MOSPEC-2SB554 Datasheet
44Kb / 2P
HIGH-POWER PNP SILICON POWER TRANSISTORS
logo
TT Electronics.
2N5876 TTELEC-2N5876 Datasheet
187Kb / 3P
HIGH POWER SILICON PNP/NPN TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com