Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD4890-10 Datasheet (PDF) - Crydom Inc.,

HD4890-10 Datasheet PDF - Crydom Inc.,
Part # HD4890-10
Download  HD4890-10 Download
File Size   811.32 Kbytes
Page   5 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description Ratings from 12A to 125A 48-530 VAC

HD4890-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD4890-10 Datasheet PDF - Crydom Inc.,

Part # HD4890-10
Download  HD4890-10 Click to download

File Size   811.32 Kbytes
Page   5 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description Ratings from 12A to 125A 48-530 VAC

HD4890-10 Datasheet (HTML) - Crydom Inc.,


HD4890-10 Product details

HA / HD48 Series

• Ratings from 12A to 125A @ 48-530 VAC
• SCR output for heavy industrial loads
• Zero turn-on or instantaneous turn-on outputs
• UL/CSA/VDE Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
• AC or DC control
• Direct bond copper substrate
• EMC compliant to Level 3
• Direct power lead frame
• Epoxy free design




Similar Part No. - HD4890-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD4890 ETC1-HD4890 Datasheet
46Kb / 3P
12-90Amp 480 Vac AC Output
logo
Crydom Inc.,
HD4890 CRYDOM-HD4890 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
HD4890 CRYDOM-HD4890 Datasheet
760Kb / 8P
panel mount
HD4890FPGSH-10 CRYDOM-HD4890FPGSH-10 Datasheet
760Kb / 8P
HA / HD48 Series
HD4890K-10 CRYDOM-HD4890K-10 Datasheet
1,016Kb / 8P
HA / HD48 Series
More results


Similar Description - HD4890-10

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
Output to 12A 280 Vac DC Control
logo
Crydom Inc.,
SDV2415R CRYDOM-SDV2415R Datasheet
608Kb / 5P
Ratings to 1.5A @ 280 VAC
EZE240A12SR CRYDOM-EZE240A12SR Datasheet
796Kb / 5P
Compact design for low-profile applications; Ratings from 5A to 18A @ 600 VAC
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
Ratings from 25A to 125A @ 48-660 V AC
D2410-10 CRYDOM-D2410-10 Datasheet
759Kb / 8P
Ratings from 10A to 125A @ 24-280 VAC
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
Ratings from 10A to 125A @ 24-280 VAC
HD4825-10 CRYDOM-HD4825-10 Datasheet
760Kb / 8P
Ratings from 12A to 125A 48-530 VAC
A2450PG CRYDOM-A2450PG Datasheet
935Kb / 6P
Crydoms signature family of solid-state relays. Ratings from 10A to 125A 24-280 VAC
logo
Teledyne Technologies I...
SH24D25 TELEDYNE-SH24D25 Datasheet
913Kb / 8P
Output to 125A, 690 Vac
logo
Mallory Sonalert Produc...
ZA120LADP2 MSPI-ZA120LADP2 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com