Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP30FP Datasheet (PDF) - General Semiconductor

FEP30FP Datasheet PDF - General Semiconductor
Part # FEP30FP
Download  FEP30FP Download
File Size   73.86 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description FAST EFFICIENT PLASTIC RECTIFIER

FEP30FP Datasheet (PDF)

Go To PDF Page Download Datasheet
FEP30FP Datasheet PDF - General Semiconductor

Part # FEP30FP
Download  FEP30FP Click to download

File Size   73.86 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description FAST EFFICIENT PLASTIC RECTIFIER

FEP30FP Datasheet (HTML) - General Semiconductor


FEP30FP Product details

Reverse Voltage - 50 to 600 Volts Forward Current - 30.0 Amperes



FEATURES

♦ Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

♦ Dual rectifier construction, positive center-tap

♦ Glass passivated chip junctions

♦ Superfast recovery times for high efficiency

♦ Low forward voltage, high current capability

♦ Low thermal resistance

♦ Low power loss

♦ High temperature soldering guaranteed: 250°C, 0.16” (4.06mm) from case for 10 seconds



 




Similar Part No. - FEP30FP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FEP30FP VISHAY-FEP30FP Datasheet
76Kb / 4P
Dual Common Cathode Ultrafast Rectifier
08-Apr-10
logo
Inchange Semiconductor ...
FEP30FP ISC-FEP30FP Datasheet
305Kb / 2P
Ultrafast Rectifier
logo
Thinki Semiconductor Co...
FEP30FP THINKISEMI-FEP30FP Datasheet
1Mb / 3P
30.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
More results


Similar Description - FEP30FP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYVB32-50 GE-BYVB32-50 Datasheet
84Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP6AT GE-FEP6AT Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESB8AT GE-FESB8AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESF8AT GE-FESF8AT Datasheet
146Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GI1401 GE-GI1401 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GIF1401 GE-GIF1401 Datasheet
134Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com