Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR3010PT Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MUR3010PT Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MUR3010PT
Download  MUR3010PT Download
File Size   80.4 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 15A, 100V - 200V Ultrafast Dual Diodes

MUR3010PT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR3010PT Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MUR3010PT
Download  MUR3010PT Click to download

File Size   80.4 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 15A, 100V - 200V Ultrafast Dual Diodes

MUR3010PT Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MUR3010PT Product details

Description
MUR3010PT, MUR3015PT, MUR3020PT and RURH1510CC, RURH1515CC, RURH1520CC are ultrafast dual diodes (tRR < 30ns)with soft recovery characteristics.They have a low forward voltage drop and are of planar, silicon nitride passivated, ion-implanted, epitaxial construction
   
Features
• Ultrafast with Soft Recovery Characteristic
    (tRR < 30ns)
• +175°C Rated Junction Temperature
• Reverse Voltage Up to 200V
• Avalanche Energy Rated
   
Applications
• Switching Power Supply
• Power Switching Circuits
• General Purpose
   




Similar Part No. - MUR3010PT

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
15A, 100V - 200V Ultrafast Dual Diodes
logo
Digitron Semiconductors
MUR3010PT DIGITRON-MUR3010PT Datasheet
342Kb / 5P
30A ULTRAFAST RECTIFIER
logo
New Jersey Semi-Conduct...
MUR3010PT NJSEMI-MUR3010PT Datasheet
89Kb / 1P
Switchmode Power Rectifiers
logo
First Silicon Co., Ltd
MUR3010PT FS-MUR3010PT Datasheet
266Kb / 3P
30.0 AMPS. Glass Passivated Super Fast Rectifiers Reverse Voltage 100 to 600 Volts Forward Current 30.0 Amperes
logo
Shenzhen Luguang Electr...
MUR3010PT LUGUANG-MUR3010PT Datasheet
913Kb / 3P
30.0 AMPS. Super Fast Rectifiers
Revision:20230915-P1
More results


Similar Description - MUR3010PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MUR1520 FAIRCHILD-MUR1520 Datasheet
61Kb / 4P
15A, 200V Ultrafast Diodes
RURG1520CC FAIRCHILD-RURG1520CC Datasheet
339Kb / 4P
15A, 200V Ultrafast Dual Diode
logo
Intersil Corporation
BYW51-100 INTERSIL-BYW51-100 Datasheet
25Kb / 3P
8A, 100V - 200V Ultrafast Dual Diodes
June 1995
MUR1520 INTERSIL-MUR1520 Datasheet
31Kb / 3P
15A, 200V Ultrafast Diodes
January 2000
MUR3020PT INTERSIL-MUR3020PT Datasheet
31Kb / 3P
15A, 200V Ultrafast Dual Diodes
January 2000
RURG1520CC INTERSIL-RURG1520CC Datasheet
31Kb / 3P
15A, 200V Ultrafast Dual Diode
January 2000
RURG1540CC INTERSIL-RURG1540CC Datasheet
32Kb / 3P
15A, 200V Ultrafast Dual Diode
January 2000
logo
Harris Corporation
RURD410 HARRIS-RURD410 Datasheet
42Kb / 4P
4A, 100V - 200V Ultrafast Diodes
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
15A, 100V - 200V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURG1520CC FAIRCHILD-RURG1520CC_05 Datasheet
52Kb / 5P
15A, 200V Ultrafast Dual Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com