Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH103 Datasheet (PDF) - Exar Corporation

KH103 Datasheet PDF - Exar Corporation
Part # KH103
Download  KH103 Download
File Size   589.71 Kbytes
Page   7 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Fast Settling, High Current Wideband Op Amp

KH103 Datasheet (PDF)

Go To PDF Page Download Datasheet
KH103 Datasheet PDF - Exar Corporation

Part # KH103
Download  KH103 Click to download

File Size   589.71 Kbytes
Page   7 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Fast Settling, High Current Wideband Op Amp

KH103 Datasheet (HTML) - Exar Corporation


KH103 Product details

General Description
The KH103 is a high-power, wideband op amp designed for the most demanding high-speed applications. The wide bandwidth, fast settling, linear phase, and very low harmonic distortion provide the designer with the signal fidelity needed in applications such as driving flash A to Ds. The 80MHz full-power bandwidth and 200mA output current of the KH103 eliminate the need for power buffers in most applications; the KH103 is an excellent choice for driving large highspeed signals into coaxial lines.

Features
■ 80MHz full-power bandwidth (20Vpp, 100Ω)
■ 200mA output current
■ 0.4% settling in 10ns
■ 6000V/µs slew rate
■ 4ns rise and fall times (20V)
■ Direct replacement for CLC103

Applications
■ Coaxial line driving
■ DAC current to voltage amplifier
■ Flash A to D driving
■ Baseband and video communications
■ Radar and IF processors




Similar Part No. - KH103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
Fast Settling, High Current Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH103 CADEKA-KH103 Datasheet
334Kb / 6P
Fast Settling, High Current Wideband Op Amp
More results


Similar Description - KH103

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC103 NSC-CLC103 Datasheet
404Kb / 6P
Fast Settling, High Current Wideband Op Amp
logo
Analog Devices
AD842 AD-AD842 Datasheet
475Kb / 10P
Wideband, High Output Current, Fast Settling Op Amp
REV.E
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
Fast Settling, High Current Wideband Op Amp
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840 Datasheet
419Kb / 8P
Wideband, Fast Settling Op Amp
REV.C
logo
Cadeka Microcircuits LL...
KH103 CADEKA-KH103 Datasheet
334Kb / 6P
Fast Settling, High Current Wideband Op Amp
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
Wideband, Fast Settling Op Amp
REV. C
AD842 AD-AD842_15 Datasheet
360Kb / 16P
Wideband, High Output Current Fast Settling Op Amp
Rev. F
AD842 AD-AD842_17 Datasheet
400Kb / 17P
Wideband, High Output Current Fast Settling Op Amp
2/14-Rev. E to Rev. F
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com