Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1D-16A Datasheet (PDF) - DB Lectro Inc

1D-16A Datasheet PDF - DB Lectro Inc
Part # 1D-16A
Download  1D-16A Download
File Size   4396.95 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description RF Performance up to 13GHz

1D-16A Datasheet (PDF)

Go To PDF Page Download Datasheet
1D-16A Datasheet PDF - DB Lectro Inc

Part # 1D-16A
Download  1D-16A Click to download

File Size   4396.95 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description RF Performance up to 13GHz

1D-16A Datasheet (HTML) - DB Lectro Inc




Similar Part No. - 1D-16A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
1D-12G DBLECTRO-1D-12G Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
1D-12J DBLECTRO-1D-12J Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
1D-14G DBLECTRO-1D-14G Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
1D-14G-60 DBLECTRO-1D-14G-60 Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
1D-14J-60 DBLECTRO-1D-14J-60 Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
More results


Similar Description - 1D-16A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2063A UMS-CHA2063A Datasheet
135Kb / 10P
7-13GHz Low Noise Amplifier
logo
Anaren Microwave
C1A131350R0G4A2 ANAREN-C1A131350R0G4A2 Datasheet
182Kb / 3P
RF Performance up to 16 GHz
C1K131350R0G4F2 ANAREN-C1K131350R0G4F2 Datasheet
189Kb / 3P
RF performance to 17 GHZ
logo
DB Lectro Inc
1E-4 DBLECTRO-1E-4 Datasheet
685Kb / 2P
RF Performance up to 4GHz
logo
Murata Manufacturing Co...
935151724547-XXN MURATA1-935151724547-XXN Datasheet
200Kb / 2P
Ultra broadband performance up to 67GHz
Last updated06/09/2022
935157725410-XXA MURATA1-935157725410-XXA Datasheet
193Kb / 2P
Ultra broadband performance up to 67GHz
Last updated06/13/2022
935157725456-XXA MURATA1-935157725456-XXA Datasheet
193Kb / 2P
Ultra broadband performance up to 67GHz
Last updated06/13/2022
935157421610-XXA MURATA1-935157421610-XXA Datasheet
190Kb / 2P
Ultra broadband performance up to 67GHz
Last updated06/17/2022
935158425510-XXA MURATA1-935158425510-XXA Datasheet
190Kb / 2P
Ultra broadband performance up to 20GHz
Last updated06/17/2022
939132421610-XXA MURATA1-939132421610-XXA Datasheet
190Kb / 2P
Ultra broadband performance up to 20GHz
Last updated06/17/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com