Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SK206 Datasheet (PDF) - NEC

3SK206 Datasheet PDF - NEC
Part # 3SK206
Download  3SK206 Download
File Size   56.72 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL GATE MES FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD

3SK206 Datasheet (PDF)

Go To PDF Page Download Datasheet
3SK206 Datasheet PDF - NEC

Part # 3SK206
Download  3SK206 Click to download

File Size   56.72 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL GATE MES FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD

3SK206 Datasheet (HTML) - NEC


3SK206 Product details

FEATURES
• Suitable for use as RF amplifier in UHF TV tuner.
• Low Crss: 0.02 pF TYP.
• High GPS: 20 dB TYP.
• Low NF: 1.1 dB TYP.




Similar Part No. - 3SK206

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK203 RENESAS-3SK203 Datasheet
351Kb / 6P
MES FIELD EFFECT TRANSISTOR
1987
3SK205 RENESAS-3SK205 Datasheet
347Kb / 6P
MES FIELD EFFECT TRANSISTOR
1987
logo
Toshiba Semiconductor
3SK207 TOSHIBA-3SK207 Datasheet
231Kb / 5P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
More results


Similar Description - 3SK206

ManufacturerPart #DatasheetDescription
logo
NEC
3SK134B NEC-3SK134B Datasheet
48Kb / 5P
RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK135A NEC-3SK135A Datasheet
52Kb / 6P
RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL-GATE MOS FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
3SK177 NEC-3SK177 Datasheet
59Kb / 6P
RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIELD-EFFECT TRANSISTOR 4 PIN MINI MOLD
3SK224 NEC-3SK224 Datasheet
53Kb / 6P
RF AMPLIFIER FOR UHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK253 NEC-3SK253 Datasheet
52Kb / 6P
RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK299 NEC-3SK299 Datasheet
53Kb / 6P
RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIFLD-EFFECT TRANSISTOR 4 PIN SMALL MINI MOLD
logo
Toshiba Semiconductor
3SK240 TOSHIBA-3SK240 Datasheet
230Kb / 5P
N CHANNEL DUAL GATE MES TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK274 TOSHIBA-3SK274 Datasheet
255Kb / 5P
N CHANNEL DUAL GATE MES TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK283 TOSHIBA-3SK283 Datasheet
240Kb / 5P
N CHANNEL DUAL GATE MES TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK284 TOSHIBA-3SK284 Datasheet
264Kb / 5P
N CHANNEL DUAL GATE MES TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com