Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SK223 Datasheet (PDF) - NEC

3SK223 Datasheet PDF - NEC
Part # 3SK223
Download  3SK223 Download
File Size   57.29 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD

3SK223 Datasheet (PDF)

Go To PDF Page Download Datasheet
3SK223 Datasheet PDF - NEC

Part # 3SK223
Download  3SK223 Click to download

File Size   57.29 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD

3SK223 Datasheet (HTML) - NEC


3SK223 Product details

FEATURES
• The Characteristic of Cross-Modulation is good.
   CM = 101 dBµ TYP. @ f = 470 MHz, GR = –30 dB
• Low Noise Figure: NF1 = 2.2 dB TYP. (f = 470 MHz)
                                NF2 = 0.9 dB TYP. (f = 55 MHz)
• High Power Gain: GPS = 20 dB TYP. (f = 470 MHz)
• Enhancement Type.
• Suitable for use as RF amplifier in CATV tuner.
• Automatically Mounting: Embossed Type Taping
• Small Package: 4 Pins Mini Mold




Similar Part No. - 3SK223

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK223 RENESAS-3SK223 Datasheet
208Kb / 9P
MOS FIELD EFFECT TRANSISTOR
2001
More results


Similar Description - 3SK223

ManufacturerPart #DatasheetDescription
logo
NEC
3SK134B NEC-3SK134B Datasheet
48Kb / 5P
RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK135A NEC-3SK135A Datasheet
52Kb / 6P
RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL-GATE MOS FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
3SK176A NEC-3SK176A Datasheet
57Kb / 6P
RF AMP. AND MIXER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK177 NEC-3SK177 Datasheet
59Kb / 6P
RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIELD-EFFECT TRANSISTOR 4 PIN MINI MOLD
3SK222 NEC-3SK222 Datasheet
58Kb / 6P
RF AMPLIFIER FOR FM TUNER AND VHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK224 NEC-3SK224 Datasheet
53Kb / 6P
RF AMPLIFIER FOR UHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK252 NEC-3SK252 Datasheet
58Kb / 6P
RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK253 NEC-3SK253 Datasheet
52Kb / 6P
RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK254 NEC-3SK254 Datasheet
55Kb / 6P
RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS SUPER MINI MOLD
3SK255 NEC-3SK255 Datasheet
54Kb / 8P
RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS SUPER MINI MOLD
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com