Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25911 Datasheet (PDF) - ams AG

TSL25911 Datasheet PDF - ams AG
Part # TSL25911
Download  TSL25911 Download
File Size   711.53 Kbytes
Page   25 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Dual Diode

TSL25911 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL25911 Datasheet PDF - ams AG

Part # TSL25911
Download  TSL25911 Click to download

File Size   711.53 Kbytes
Page   25 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Dual Diode

TSL25911 Datasheet (HTML) - ams AG


TSL25911 Product details

General Description
The TSL2591 is a very-high sensitivity light-to-digital converter that transforms light intensity into a digital signal output capable of direct I2C interface. The device combines one broadband photodiode (visible plus infrared) and one infrared-responding photodiode on a single CMOS integrated circuit. Two integrating ADCs convert the photodiode currents into a digital output that represents the irradiance measured on each channel. This digital output can be input to a microprocessor where illuminance (ambient light level) in lux is derived using an empirical formula to approximate the human eye response. The TSL2591 supports a traditional level style interrupt that remains asserted until the firmware clears it.

Features
   Dual Diode
   Programmable Analog Gain and Integration Time
   600M:1 Dynamic Range
      • Two Internal Interrupt Sources
      • Programmable Upper and Lower Thresholds
      • One Interrupt Includes Programmable Persistence Filter
   User Selectable Sleep Mode
      • Data Rates up to 400 kbit/s
      • Input Voltage Levels Compatible with 3.0V Bus

Benefits
   Approximates Human Eye Response
   Flexible Operation
   Suited for Operation Behind Dark Glass
   Low Operating Overhead
   Low Power 3.0 μA Sleep State
   I2C Fast Mode Compatible Interface




Similar Part No. - TSL25911

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TSL25911FN OSRAM-TSL25911FN Datasheet
976Kb / 34P
Light-to-Digital Converter
v3-00 2023-Feb-08
More results


Similar Description - TSL25911

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
Dual Switching Diode
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
Dual Switching Diode
November, 2001 ??Rev. 2
logo
Dynex Semiconductor
MP02XX175 DYNEX-MP02XX175 Datasheet
85Kb / 9P
Dual Diode Modules
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4 Datasheet
117Kb / 2P
DUAL ZENER DIODE DUAL ZENER DIODE 350mW
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
Dual Switching Diode
logo
Vishay Siliconix
BB814-V-GH VISHAY-BB814-V-GH Datasheet
82Kb / 3P
Dual Varicap Diode
22-Apr-10
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
Dual Switching Diode
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
DUAL SWITCHING DIODE
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
Dual Switching Diode
April, 2016 ??Rev. 5
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com