Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF630N Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

IRF630N Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # IRF630N
Download  IRF630N Download
File Size   74.59 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel MOSFET Transistor

IRF630N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF630N Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # IRF630N
Download  IRF630N Click to download

File Size   74.59 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel MOSFET Transistor

IRF630N Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


IRF630N Product details

DESCRIPTION
● Drain Current –ID=9.3A@ TC=25℃
● Drain Source Voltage-
   : VDSS= 200V(Min)
● Static Drain-Source On-Resistance
   : RDS(on) = 0.3Ω(Max)
● Fast Switching Speed
● Low Drive Requirement

APPLICATIONS
● This device is n-channel, enhancement mode, power MOSFET designed especially for high power, high speed applications, such as switching power supplies,UPS, AC and DC motor controls, relay and solenoid drivers and high energy pulse circuits.




Similar Part No. - IRF630N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF630N IRF-IRF630N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
logo
Fairchild Semiconductor
IRF630N FAIRCHILD-IRF630N Datasheet
209Kb / 11P
N-Channel Power MOSFETs 200V, 9.3A, 0.30?
logo
International Rectifier
IRF630N IRF-IRF630N Datasheet
240Kb / 11P
HEXFET Power MOSFET
logo
TRANSYS Electronics Lim...
IRF630N TEL-IRF630N Datasheet
173Kb / 2P
Power MOSFET
logo
Inchange Semiconductor ...
IRF630N ISC-IRF630N Datasheet
119Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IRF630N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com