Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL40N75LF3 Datasheet (PDF) - STMicroelectronics

STL40N75LF3 Datasheet PDF - STMicroelectronics
Part # STL40N75LF3
Download  STL40N75LF3 Download
File Size   1753.22 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package

STL40N75LF3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STL40N75LF3 Datasheet PDF - STMicroelectronics

Part # STL40N75LF3
Download  STL40N75LF3 Click to download

File Size   1753.22 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package

STL40N75LF3 Datasheet (HTML) - STMicroelectronics


STL40N75LF3 Product details

Description
The Keil starter kits are complete solutions for starting application development and evaluating the STMicroelectronics STM32F101/103 (up to 128K Flash), STR91x, STR75x, STR73x, and STR71x ARM core-based microcontrollers. They come with all the hardware and software you need to start developing applications for the STM32, STR9 and STR7 ARM core-based families of microcontrollers. The kits come complete with Keil’s µVision3 integrated development environment for ARM and the 16 Kbyte code-size limited version of the ARM RealView Compilation Tools, a full-featured evaluation board (including USB, USART, SPI, ADC) and target microcontroller, with the ULINK (USB/JTAG) in-circuit debugger/programmer. Keil starter kits are available for a full range of ST ARM core-based microcontrollers.

Features
■ The ARM® RealView™ Microcontroller Development Kit complete development software package with: – µVision3® integrated development environment for application programming and debugging – ARM RealView Compilation Tools C/C++ compiler for output of code up to 16 Kbytes – RTX real-time kernel, a multi-tasking operating system for embedded

Applications
■ ULINK™ in-circuit debugger/programmer with USB interface to host PC and 20-pin JTAG application interface
■ Full-featured Keil evaluation board with target microcontroller.




Similar Part No. - STL40N75LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
135Kb / 5P
Keil starter kits for ST ARM core-based microcontrollers
18-Jun-2009
More results


Similar Description - STL40N75LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL10DN15F3 STMICROELECTRONICS-STL10DN15F3 Datasheet
1Mb / 14P
N-channel 150 V, 0.20 Ohm typ., 2.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
15-Oct-2012
STL8N10LF3 STMICROELECTRONICS-STL8N10LF3 Datasheet
850Kb / 13P
N-channel 100 V, 25 mA typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
17-Jan-2013
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
11-Mar-2014
STL35N6F3 STMICROELECTRONICS-STL35N6F3 Datasheet
994Kb / 17P
N-channel 60 V, 0.019 廓, 10 A STripFET??III Power MOSFET in PowerFLAT??5x6 package
11-May-2012
STL70N10F3 STMICROELECTRONICS-STL70N10F3 Datasheet
911Kb / 17P
N-channel 100 V, 0.0078, 16 A STripFET III Power MOSFET in PowerFLAT 5x6 package
29-May-2012
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
13-Feb-2013
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
N-channel 60 V, 2.4 mΩ typ., 140 A STripFET™F7 Power MOSFET in a PowerFLAT™5x6 package
21-Apr-2017
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
N-channel 40 V, 0.85 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com