Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4474 Datasheet (PDF) - Freescale Semiconductor, Inc

AN4474 Datasheet PDF - Freescale Semiconductor, Inc
Part # AN4474
Download  AN4474 Download
File Size   626.45 Kbytes
Page   4 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual 24 V, 6.0 mOhm High Side Switch

AN4474 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN4474 Datasheet PDF - Freescale Semiconductor, Inc

Part # AN4474
Download  AN4474 Click to download

File Size   626.45 Kbytes
Page   4 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual 24 V, 6.0 mOhm High Side Switch

AN4474 Datasheet (HTML) - Freescale Semiconductor, Inc


AN4474 Product details

Overview
The MC06XS4200 device is part of a 24 V high side switch product family with integrated control, and a high number of protective and diagnostic functions. It is designed for truck, bus, and industrial applications. The low RDS(ON) channels (<6.0 mΩ) can control different load types; bulb lamps, solenoids, or DC motors.

Features
•  Two fully-protected 6.0 mΩ (@ 25 °C) high side switches
•  Up to 9.0 A steady state current perchannel
•  Separate bulb and DC motor latched over-current handling
•  Fail-safe mode when microcontroller communication is lost
•  Sleep mode with minimal supply current (< 10μA @ 24 V)
•  Parallel output operating mode with improved switching synchronization
•  Individually programmable internal/external PWM clock signals
•  Over-current, short-circuit, and over-temperature protection with programmable autoretry functions
•  Accurate temperature and current sensing
•  Open-load detection (channel in OFF & ON state), also for LED applications (7.0 mA typ.)
•  Normal operating range: 8.0 to 36 V, extended range: 6.0 to 58 V
•  3.3 V and 5.0 V compatible 16-bit SPI port for device control, configuration and diagnostics at rates up to 8.0 MHz

Applications
•  Automotive (12 V system)
•  Truck, Bus, industrial vehicles (24 V system)
•  Low voltage automotive lighting
•  Halogen bulbs
•  Light-emitting diodes (LEDs)
•  Low and High beam
•  Flashers
•  Low voltage industrial lighting




Similar Part No. - AN4474

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN4474 FREESCALE-AN4474 Datasheet
8Mb / 2P
Dual 6.0 m high-side switch
AN4474 FREESCALE-AN4474 Datasheet
8Mb / 2P
Dual 10 m high-side switch
AN4474 FREESCALE-AN4474 Datasheet
8Mb / 2P
Dual 16 mOhm High-Side Switch
More results


Similar Description - AN4474

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
Dual 24 V, 10 mOhm High Side Switch
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
Dual 24 V, 20 mOhm High Side Switch
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
Dual 24 V 6.0 mOhm High Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
Dual 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com