Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ5917B Datasheet (PDF) - Micro Commercial Components

SMAJ5917B Datasheet PDF - Micro Commercial Components
Part # SMAJ5917B
Download  SMAJ5917B Download
File Size   486.49 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.5 Watt Zener Diode 3.3 to 51 Volts

SMAJ5917B Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ5917B Datasheet PDF - Micro Commercial Components

Part # SMAJ5917B
Download  SMAJ5917B Click to download

File Size   486.49 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.5 Watt Zener Diode 3.3 to 51 Volts

SMAJ5917B Datasheet (HTML) - Micro Commercial Components


SMAJ5917B Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
• Low Zener Impedance
• Low Regulation Factor
• VZ – tolerance: ±5%
• For Surface Mount Applications
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - SMAJ5917B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMAJ5917B BILIN-SMAJ5917B Datasheet
153Kb / 4P
Surface mount zener diode
logo
Shanghai Leiditech Elec...
SMAJ5917B LEIDITECH-SMAJ5917B Datasheet
329Kb / 2P
1.5 W Power Dissipation
More results


Similar Description - SMAJ5917B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
1.5 Watt Zener Diode 11 to 200 Volts
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Micro Commercial Compon...
1N5913B MCC-1N5913B_12 Datasheet
263Kb / 3P
1.5 Watt Zener Diode 3.3 to 51 Volts
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
5 Watt Zener Diode 5.1 to 51 Volts
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
1.5 Watt Zener Diode 5.1 to 51 Volts
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
1.5 Watt Zener Diode 3.3 to 4.7 Volts
SMAJ5918B MCC-SMAJ5918B Datasheet
464Kb / 5P
1.5 Watt Zener Diode 5.1 to 200 Volts
SMAJ5925BHE3 MCC-SMAJ5925BHE3 Datasheet
565Kb / 5P
1.5 Watt Zener Diode 10 to 200 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com