Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP485 Datasheet (PDF) - Exar Corporation

SP485 Datasheet PDF - Exar Corporation
Part # SP485
Download  SP485 Download
File Size   564.25 Kbytes
Page   11 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power Half-Duplex RS-485 Transceivers

SP485 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP485 Datasheet PDF - Exar Corporation

Part # SP485
Download  SP485 Click to download

File Size   564.25 Kbytes
Page   11 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power Half-Duplex RS-485 Transceivers

SP485 Datasheet (HTML) - Exar Corporation


SP485 Product details

DESCRIPTION
The SP483 and SP485 are a family of half-duplex transceivers that meet the specifications of RS-485 and RS-422. Their BiCMOS design allows low power operation without sacrificing performance. The SP485 meets the requirements of RS-485 and RS-422 up to 5Mbps. Additionally, the SP483 is equipped with a low power Shutdown mode. The SP483 is internally slew rate limited to reduce EMI and can meet the requirements of RS-485 and RS-422 up to 250kbps.

FEATURES
• +5V Only
• Low Power BiCMOS
• Driver / Receiver Enable
• Slew Rate Limited Driver for Low EMI (SP483)
• Low Power Shutdown mode (SP483)
• RS-485 and RS-422 Drivers/Receivers




Similar Part No. - SP485

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP485 SIPEX-SP485 Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP485 SIPEX-SP485 Datasheet
168Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485 EXAR-SP485 Datasheet
633Kb / 13P
Low Power Half-Duplex RS-485 Transceivers
logo
Shanghai Leiditech Elec...
SP485 LEIDITECH-SP485 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Sipex Corporation
SP485CN SIPEX-SP485CN Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
More results


Similar Description - SP485

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
100Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
519Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1485E SIPEX-SP1485E Datasheet
78Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E_07 Datasheet
712Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP481E EXAR-SP481E Datasheet
618Kb / 12P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1481E EXAR-SP1481E Datasheet
576Kb / 10P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
Low Power Half-Duplex RS-485 Transceivers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com