Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6276SA Datasheet (PDF) - Allegro MicroSystems

A6276SA Datasheet PDF - Allegro MicroSystems
Part # A6276SA
Download  A6276SA Download
File Size   567.65 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 16-Bit Serial Input, Constant-Current Latched LED Driver

A6276SA Datasheet (PDF)

Go To PDF Page Download Datasheet
A6276SA Datasheet PDF - Allegro MicroSystems

Part # A6276SA
Download  A6276SA Click to download

File Size   567.65 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 16-Bit Serial Input, Constant-Current Latched LED Driver

A6276SA Datasheet (HTML) - Allegro MicroSystems


A6276SA Product details

The A6276 is specifically designed for LED-display applications. Each BiCMOS device includes a 16-bit CMOS shift register, accompanying data latches, and 16 npn constant-current sink drivers. Except for package style and allowable package power dissipation, the device options are identical.
The CMOS shift register and latches allow direct interfacing with microprocessor-based systems. With a 5 V logic supply, typical serial data-input rates are up to 20 MHz. The LED drive current is determined by the user’s selection of a single resistor. A CMOS serial data output permits cascade connections in applications requiring additional drive lines. For inter-digit blanking, all output drivers can be disabled with an ENABLE input high. Similar 8-bit devices are available as the A6275EA and A6275ELW.

FEATURES
■ To 90 mA Constant-Current Outputs
■ Under-Voltage Lockout
■ Low-Power CMOS Logic and Latches
■ High Data Input Rate
■ Functional Replacement for TB62706BN/BF




Similar Part No. - A6276SA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6276SLW-T ALLEGRO-A6276SLW-T Datasheet
347Kb / 14P
16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
A6276SLWTR-T ALLEGRO-A6276SLWTR-T Datasheet
347Kb / 14P
16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
More results


Similar Description - A6276SA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6275 ALLEGRO-6275 Datasheet
179Kb / 12P
8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
6276 ALLEGRO-6276 Datasheet
190Kb / 12P
16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
6277 ALLEGRO-6277 Datasheet
203Kb / 12P
8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
July 20, 2000
6276 ALLEGRO-6276 Datasheet
154Kb / 12P
16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
6276 ALLEGRO-6276_03 Datasheet
347Kb / 14P
16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
16-bit Constant Current LED Driver
logo
Allegro MicroSystems
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
8-Bit Serial Input Constant-Current Latched LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com