Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC807-25-TP Datasheet (PDF) - Micro Commercial Components

BC807-25-TP Datasheet PDF - Micro Commercial Components
Part # BC807-25-TP
Download  BC807-25-TP Download
File Size   286.39 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon General Purpose Transistors

BC807-25-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
BC807-25-TP Datasheet PDF - Micro Commercial Components

Part # BC807-25-TP
Download  BC807-25-TP Click to download

File Size   286.39 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon General Purpose Transistors

BC807-25-TP Datasheet (HTML) - Micro Commercial Components


BC807-25-TP Product details

Features
• Capable of 0.3Watts of Power Dissipation.
• Collector-current 0.5A
• Collector-base Voltage 50V
• Operating and storage junction temperature range: -55O C to +150O C
• Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1




Similar Part No. - BC807-25-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-25-7 DIODES-BC807-25-7 Datasheet
59Kb / 3P
PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 9 - 2
BC807-25-7-F DIODES-BC807-25-7-F Datasheet
311Kb / 3P
PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Pan Jit International I...
BC807-25-AU PANJIT-BC807-25-AU Datasheet
542Kb / 6P
Silicon PNP General Purpose Transistors
April 19,2019-REV.07
BC807-25-AU_R1_000A1 PANJIT-BC807-25-AU_R1_000A1 Datasheet
542Kb / 6P
Silicon PNP General Purpose Transistors
April 19,2019-REV.07
logo
Comchip Technology
BC807-25-G COMCHIP-BC807-25-G Datasheet
169Kb / 5P
General Purpose Transistors
More results


Similar Description - BC807-25-TP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1774QT1G LRC-L2SA1774QT1G_11 Datasheet
241Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G_11 Datasheet
190Kb / 10P
General Purpose Transistors PNP Silicon
LBC807-16WT1G LRC-LBC807-16WT1G Datasheet
69Kb / 3P
General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com