Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16124 Datasheet (PDF) - Maxim Integrated Products

MAX16124 Datasheet PDF - Maxim Integrated Products
Part # MAX16124
Download  MAX16124 Download
File Size   1543.96 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Pushbutton Controllers

MAX16124 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16124 Datasheet PDF - Maxim Integrated Products

Part # MAX16124
Download  MAX16124 Click to download

File Size   1543.96 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Pushbutton Controllers

MAX16124 Datasheet (HTML) - Maxim Integrated Products


MAX16124 Product details

General Description
The MAX16122–MAX16125 pushbutton controllers with single-supply monitors monitor one or two pushbuttons and generate a hard reset signal if the buttons are pushed and held for a setup delay. These devices make it easy to “hide” the hard reset function in an existing pushbutton, such as a soft power switch. The devices operate from 1.6V to 5.5V and consume a quiescent current of only 5µA at 3V.

Benefts and Features
● Low Supply Current: < 5μA (typ) at 3V Over Temperature
● Precision Factory-Set VCC Monitoring Threshold for
   1.8V, 2.5V, 3.3V, and 5V Supplies
● Fixed/Pin-Programmable or Resistor-Adjustable
   Pushbutton Setup Delay
● Up to 2 Reset Outputs and 2 Debounced Pushbutton
   Inputs
● Guaranteed RESET Valid for VCC Down to 0.95V
● Active-Low RESET Output (Push-Pull or Open-Drain)
● Immune to Short Power-Supply Transients
● 0.86mm x 1.27mm 6-Bump WLP Package
● -40°C to +125°C Operating Temperature Range

Applications
● Smartphones
● Tablet PCs
● eBook Readers
● Portable/Battery-Powered Equipment
● Glucose Monitors/Patient Monitors
● Portable Instrumentation




Similar Part No. - MAX16124

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16124WT MAXIM-MAX16124WT Datasheet
845Kb / 16P
Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
More results


Similar Description - MAX16124

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F764-1 PHILIPS-74F764-1 Datasheet
40Kb / 3P
DRAM dual-ported controllers
1992 Aug 10
logo
Dallas Semiconductor
DS1834 DALLAS-DS1834 Datasheet
106Kb / 7P
Dual EconoReset with Pushbutton
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
Dual Hot Swap Controllers
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
Interleaved Dual BCM PFC Controllers
logo
Analog Devices
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX16122 MAXIM-MAX16122 Datasheet
845Kb / 16P
Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
DS1834 MAXIM-DS1834 Datasheet
112Kb / 7P
Dual EconoReset with Pushbutton
071700
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com