Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77178 Datasheet (PDF) - Maxim Integrated Products

MAX77178 Datasheet PDF - Maxim Integrated Products
Part # MAX77178
Download  MAX77178 Download
File Size   2519.15 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Bandwidth LTE/WCDMA PA Power Management ICs

MAX77178 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77178 Datasheet PDF - Maxim Integrated Products

Part # MAX77178
Download  MAX77178 Click to download

File Size   2519.15 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Bandwidth LTE/WCDMA PA Power Management ICs

MAX77178 Datasheet (HTML) - Maxim Integrated Products


MAX77178 Product details

General Description
The MAX77178/MAX77179 step-down converters are optimized for powering the power amplifier (PA) in multimode/multiband handsets for 3G/4G applications such as LTE, WCDMA, as well as other RF PA applications
such as Wi-FiMand WiMAXM. 

Features
 Meet 3G/4G Timing and RF Spectrum Mask Requirements
 20µs (typ) Settling Time for 0.5V to 3.4V Output Voltage Change
 30µs (typ) Settling from Enable to 95% Output Voltage Regulation
 Four Selectable Output Voltages with Logic Inputs (MAX77178 Only)
 Analog Controlled Output Voltage Settings from 0.5V to VIN (MAX77179 Only)
 1A Peak Output Current Capability
 ±3% Output Voltage Accuracy
 Allows Use of Small (1210) 0.47µH Inductor
 100% Duty-Cycle Operation
 Simple Logic On/Off Controls
 < 1µA Shutdown Supply Current
 2.5V to 5.5V Supply Voltage Range
 Overcurrent and Overtemperature Protection

Applications
LTE, WCDMA Cell Phones/Smartphones /Tablets/Data Cards




Similar Part No. - MAX77178

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77179 MAXIM-MAX77179 Datasheet
2Mb / 17P
High-Bandwidth LTE/WCDMA PA Power Management ICs
Rev 0; 3/13
More results


Similar Description - MAX77178

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM716015 TRIQUINT-TQM716015 Datasheet
206Kb / 1P
Multi-mode (WCDMA B5 / CDMA BC0 / HSPA / LTE) 3x3mm PA Module
TQM756014 TRIQUINT-TQM756014 Datasheet
207Kb / 1P
Multi-Mode (WCDMA B4, CDMA BC15, HSPA, LTE) 3x3 PA Module
TQM766012 TRIQUINT-TQM766012 Datasheet
207Kb / 1P
Multi-mode (WCDMA B2 / CDMA BC1 / HSPA / LTE) 3x3mm PA Module
TQM776011 TRIQUINT-TQM776011 Datasheet
204Kb / 1P
Multi-mode (WCDMA B1 / CDMA BC6 / HSPA / LTE) 3x3mm PA Module
logo
ANADIGICS, Inc
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
AWT6635 ANADIGICS-AWT6635 Datasheet
882Kb / 14P
HELP3DCTM (Band 5) LTE/WCDMA/CDMA Linear PA Module
Rev 1.3
AWT6638 ANADIGICS-AWT6638 Datasheet
814Kb / 13P
HELP3DC (Band 8) LTE/WCDMA Linear PA Module
Rev 1.3
logo
Maxim Integrated Produc...
MAX77179 MAXIM-MAX77179 Datasheet
2Mb / 17P
High-Bandwidth LTE/WCDMA PA Power Management ICs
Rev 0; 3/13
logo
Anaren Microwave
X3C09F1-03S ANAREN-X3C09F1-03S Datasheet
1Mb / 18P
AMPS, GSM, WCDMA & LTE
X3C19F1-20S ANAREN-X3C19F1-20S Datasheet
1Mb / 18P
AMPS, GSM, WCDMA & LTE
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com