Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF634 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

IRF634 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # IRF634
Download  IRF634 Download
File Size   71.61 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel MOSFET Transistor

IRF634 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF634 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # IRF634
Download  IRF634 Click to download

File Size   71.61 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel MOSFET Transistor

IRF634 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


IRF634 Product details

DESCRIPTION
• Drain Current-ID=8.1A@ TC=25°C
• Drain SourceVoltage-
   : VDSS= 250V(Min)
• Static Drain-SourceOn-Resistance
   : RDS(OD = 0.45 Ω(Max)
• Fast Switching Speed
• Low Drive Requirement

APPLICATIONS
• High current, high speedswitching
• Switch mode power supplies
• DC-DC converters for telecom, industrial,and lighting
   equipment ideal for monitors B+ function




Similar Part No. - IRF634

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Jul-2001
logo
Fairchild Semiconductor
IRF634 FAIRCHILD-IRF634 Datasheet
224Kb / 7P
Advanced Power MOSFET
logo
International Rectifier
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
logo
Vishay Siliconix
IRF634 VISHAY-IRF634 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
Inchange Semiconductor ...
IRF634 ISC-IRF634 Datasheet
128Kb / 1P
N-channel mosfet transistor
More results


Similar Description - IRF634

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com