Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2719 Datasheet (PDF) - Hamamatsu Corporation

C2719 Datasheet PDF - Hamamatsu Corporation
Part # C2719
Download  C2719 Download
File Size   477.24 Kbytes
Page   6 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Photosensor amplifier

C2719 Datasheet (PDF)

Go To PDF Page Download Datasheet
C2719 Datasheet PDF - Hamamatsu Corporation

Part # C2719
Download  C2719 Click to download

File Size   477.24 Kbytes
Page   6 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Photosensor amplifier

C2719 Datasheet (HTML) - Hamamatsu Corporation


C2719 Product details

Current-to-voltage conversion amplifier for amplifying weak photocurrent with low noise



C2719 is a current-to-voltage conversion amplifier used to amplify weak photocurrent from a photodiode with very low noise. Three ranges of photocurrent detection sensitivity level (H, M, L) are selectable to match the input signal. A 10-turn potentiometer is used to zero the amplifier level so fine adjustments are possible with high resolution.

C2719 operates on the built-in dry batteries so it can be easily used anywhere. An external power input connector is also provided at the rear panel for a long, continuous operation or for use as part of a measurement system. In such applications, use the dedicated plug to connect to a stabilized DC power supply.

C2719 was developed specifically for use with Si photodiodes, but it can be used to detect photocurrent from phototubes.



Features

• Three sensitivity ranges

   H: 109 V/A

   M: 107 V/A

   L : 105 V/A

• Zero adjustment with high resolution

• Operates on either dry batteries or external power supply

• Compact and lightweight



Applications

• Precision photometry

• Laser monitors

• Optical power meters

• Colorimeters

• Low signal current preamplifiers



 




Similar Part No. - C2719

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
C2714 WINNERJOIN-C2714 Datasheet
70Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
C2714 WINNERJOIN-C2714_15 Datasheet
70Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
NEC
C271C NEC-C271C Datasheet
115Kb / 2P
Precision Voltage Comparators
More results


Similar Description - C2719

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNB1303 PANASONIC-CNB1303 Datasheet
48Kb / 2P
Reflective Photosensor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
Reflective Photosensor
CNZ2153 PANASONIC-CNZ2153 Datasheet
91Kb / 3P
Reflective Photosensor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
Reflective Photosensor
logo
Hamamatsu Corporation
C6386 HAMAMATSU-C6386 Datasheet
120Kb / 2P
Photosensor amplifier
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
Photosensor amplifier
logo
Panasonic Semiconductor
CNB2003 PANASONIC-CNB2003 Datasheet
97Kb / 3P
Reflective photosensor
ON2179 PANASONIC-ON2179 Datasheet
65Kb / 3P
Reflective Photosensor
logo
Hamamatsu Corporation
H12056-01 HAMAMATSU-H12056-01 Datasheet
104Kb / 2P
Photosensor Modules
H7844 HAMAMATSU-H7844_15 Datasheet
142Kb / 4P
PHOTOSENSOR MODULE
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com