Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3077 Datasheet (PDF) - Hamamatsu Corporation

C3077 Datasheet PDF - Hamamatsu Corporation
Part # C3077
Download  C3077 Download
File Size   103.0 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 2/3-inch CCD Video Camera

C3077 Datasheet (PDF)

Go To PDF Page Download Datasheet
C3077 Datasheet PDF - Hamamatsu Corporation

Part # C3077
Download  C3077 Click to download

File Size   103.0 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 2/3-inch CCD Video Camera

C3077 Datasheet (HTML) - Hamamatsu Corporation


C3077 Product details

The C3077-70/-71 incorporates a next generation 2/3-inch CCD into a new compact B/W camera. Features of this model include high resolution, sensitivity, and S/N ratio. An electronic shutter function enables monitoring of moving objects.

FEATURES
● High Sensitivity
● High S/N Ratio
    C3077-70 : 60 dB (EIA)
    C3077-71 : 58 dB (CCIR)
● Small Readout Noise
● High Resolution
    C3077-70 : 570 (H) × 485 (V) TV Line (EIA)
    C3077-71 : 560 (H) × 575 (V) TV Line (CCIR)
● On-chip Integration
        A dedicated camera control unit enables images to be accumulated on the CCD chip with improved sensitivity.




Similar Part No. - C3077

ManufacturerPart #DatasheetDescription
logo
Powerbox
C307 POWERBOX-C307 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
List of Unclassifed Man...
C30724 ETC2-C30724 Datasheet
427Kb / 5P
Stable Gain Silicon Avalanche Photodiode (APD) for High Volume Range Finding
C30724P ETC1-C30724P Datasheet
174Kb / 2P
LOW COST SILICON AVALANCHE PHOTODIODE (Plastic Encapsulated Package)
logo
PerkinElmer Optoelectro...
C30737 PERKINELMER-C30737 Datasheet
101Kb / 5P
Epitaxial Silicon Avalanche Photodiode
C30737E-230 PERKINELMER-C30737E-230 Datasheet
101Kb / 5P
Epitaxial Silicon Avalanche Photodiode
More results


Similar Description - C3077

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX058AL SONY-ICX058AL Datasheet
332Kb / 17P
1/3-inch CCD Image Sensor for EIA Black-and-White Video Camera
logo
Hamamatsu Corporation
C5403-30 HAMAMATSU-C5403-30 Datasheet
104Kb / 2P
1/3-inch CCD Video Camera
C5405-50 HAMAMATSU-C5405-50 Datasheet
103Kb / 2P
1/2-inch CCD Video Camera
C7500-50 HAMAMATSU-C7500-50 Datasheet
109Kb / 2P
Near Infrared 1/2-inch CCD Video Camera
logo
Sony Corporation
XCST50 SONY-XCST50 Datasheet
579Kb / 31P
CCD B/W VIDEO CAMERA MODULE
logo
A1 PROs co., Ltd.
A88_960H32X32 A1PROS-A88_960H32X32 Datasheet
344Kb / 2P
1/3 inch Color IT- CCD Camera Module
A88_960H38X38 A1PROS-A88_960H38X38 Datasheet
92Kb / 2P
1/3 inch Color IT-CCD Camera Module1A1
APC10 A1PROS-APC10 Datasheet
122Kb / 2P
1/3 inch Color IT-CCD Camera Module1A1
APC72A A1PROS-APC72A Datasheet
137Kb / 2P
1/3 inch Color IT-CCD Camera Module1A1
APC78A A1PROS-APC78A Datasheet
247Kb / 2P
1/3 inch Color IT-CCD Camera Module1A1
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com