Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4675 Datasheet (PDF) - Hamamatsu Corporation

C4675 Datasheet PDF - Hamamatsu Corporation
Part # C4675
Download  C4675 Download
File Size   127.61 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 16 x 16 element photodiode array detector

C4675 Datasheet (PDF)

Go To PDF Page Download Datasheet
C4675 Datasheet PDF - Hamamatsu Corporation

Part # C4675
Download  C4675 Click to download

File Size   127.61 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 16 x 16 element photodiode array detector

C4675 Datasheet (HTML) - Hamamatsu Corporation


C4675 Product details

2-D detector using 256-element photodiode with visible sensitivity

C4675 series is a two-dimensional detector using a 16 × 16 (256) element Si PIN photodiode array that has high sensitivity in the visible range.
Current-to-voltage conversion amplifiers in the signal amplifier section are connected in parallel to each element of the photodiode array, thereby allowing high-speed parallel signal processing.
C4675 series is also designed to suppress the power consumption so it operates from two power supplies (±15 V).

Features
● Wide spectral response: 400 to 1000 nm
● Wide active area: 17.45 × 17.45 mm (0.95 × 0.95 mm per element, 1.1 mm pitch)
● Frequency response C4675-102: DC to 1 kHz
                                     C4675-302: DC to 3 kHz
                                     C4675-103: DC to 10 kHz
● Parallel signal output by current-to-voltage amplifier
● Low power consumption: 2.5 W Typ.

Applications
● Nerve potential measurement under microscope
● 2-D (wavelength × spatial position) spectrophotometry in visible range
● Fine-modulation light measurement




Similar Part No. - C4675

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4674 HAMAMATSU-C4674 Datasheet
127Kb / 3P
Signal processing circuit for 2-D PSD
C4674-01 HAMAMATSU-C4674-01 Datasheet
633Kb / 5P
Signal processing circuit for 2-D PSD
More results


Similar Description - C4675

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9004 HAMAMATSU-C9004_06 Datasheet
79Kb / 2P
Driver circuit for 16-element photodiode array
S5668 HAMAMATSU-S5668 Datasheet
129Kb / 2P
16-element Si photodiode array
S7978 HAMAMATSU-S7978 Datasheet
87Kb / 2P
Si photodiode array 5 횞 5 element array for X-ray detector
S8558 HAMAMATSU-S8558 Datasheet
111Kb / 2P
Surface mountable 16-element photodiode array
S11299 HAMAMATSU-S11299_15 Datasheet
633Kb / 8P
16-element Si photodiode arrays
logo
Sensortechnics GmbH
501097 SENSORTECHNICS-501097 Datasheet
1Mb / 4P
16 element APD array
50146102 SENSORTECHNICS-50146102 Datasheet
330Kb / 4P
16 element PIN array
50146202 SENSORTECHNICS-50146202 Datasheet
544Kb / 4P
16 element PIN array
50146302 SENSORTECHNICS-50146302 Datasheet
553Kb / 4P
16 element PIN array
logo
OptoDiode Corp
AXUV16ELG OPTODIODE-AXUV16ELG_18 Datasheet
935Kb / 4P
Photodiode 16 Element
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com