Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6086 Datasheet (PDF) - Hamamatsu Corporation

C6086 Datasheet PDF - Hamamatsu Corporation
Part # C6086
Download  C6086 Download
File Size   94.57 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description X-Ray CCD Camera

C6086 Datasheet (PDF)

Go To PDF Page Download Datasheet
C6086 Datasheet PDF - Hamamatsu Corporation

Part # C6086
Download  C6086 Click to download

File Size   94.57 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description X-Ray CCD Camera

C6086 Datasheet (HTML) - Hamamatsu Corporation


C6086 Product details

The C6086 series is a compact, lightweight, high resolution X-ray CCD camera. It consists of an X-ray sensitive scintillator (P43) coated on a tapered fiberoptic bundle direct coupled to a CCD camera. The C6086-90 camera controller incorporates a 10-bit A/D converter for precise image acquisition and is also capable of a number of realtime image processing functions such as averaging, background subtraction and edge enhancement.



FEATURES

• High Spatial Resolution

25 µm (C6086-03, 04)

43 µm (C6086-13, 14)

62 µm (C6086-23, 24)

30 µm (C6086-53, 54)

•Effective X-ray tube voltage range 10 to 100 kVp

•Contrast Enhancement

•10-bit A/D converter

•Real Time Image Processing




Similar Part No. - C6086

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C6086-30 HAMAMATSU-C6086-30 Datasheet
98Kb / 2P
X-Ray I.I. CCD Camera
C6086-31 HAMAMATSU-C6086-31 Datasheet
98Kb / 2P
X-Ray I.I. CCD Camera
C6086-32 HAMAMATSU-C6086-32 Datasheet
98Kb / 2P
X-Ray I.I. CCD Camera
logo
Pulse A Technitrol Comp...
C6086NL PULSE-C6086NL Datasheet
81Kb / 2P
BROADBAND: RF & WIRELESS
C6086NL PULSE-C6086NL Datasheet
139Kb / 5P
DIPLEXERS FOR CABLE MODEMS, SET TOP BOXES AND GATEWAYS
More results


Similar Description - C6086

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C6086-30 HAMAMATSU-C6086-30 Datasheet
98Kb / 2P
X-Ray I.I. CCD Camera
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
X-Ray Line Sensor Camera
H8480 HAMAMATSU-H8480 Datasheet
973Kb / 4P
X-CUBE COMPACT X-RAY CCD CAMERAS
S8658-01 HAMAMATSU-S8658-01 Datasheet
150Kb / 7P
Front-illuminated FFT-CCD for X-ray imaging
S10814 HAMAMATSU-S10814 Datasheet
361Kb / 10P
Front-illuminated FFT-CCD for X-ray imaging
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
C12200-461 HAMAMATSU-C12200-461 Datasheet
555Kb / 2P
X-ray TDI Camera
S8984-02 HAMAMATSU-S8984-02_15 Datasheet
238Kb / 3P
Front-illuminated FFT-CCD for X-ray imaging
C7336-05 HAMAMATSU-C7336-05_15 Datasheet
753Kb / 4P
X-RAY I.I. DIGITAL CAMERA UNIT
H8480 HAMAMATSU-H8480_15 Datasheet
652Kb / 4P
X-CUBE COMPACT X-RAY CCD CAMERAS
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com