Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C7246 Datasheet (PDF) - Hamamatsu Corporation

C7246 Datasheet PDF - Hamamatsu Corporation
Part # C7246
Download  C7246 Download
File Size   46.71 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description DA-TYPE SOCKET ASSEMBLIES

C7246 Datasheet (PDF)

Go To PDF Page Download Datasheet
C7246 Datasheet PDF - Hamamatsu Corporation

Part # C7246
Download  C7246 Click to download

File Size   46.71 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description DA-TYPE SOCKET ASSEMBLIES

C7246 Datasheet (HTML) - Hamamatsu Corporation


C7246 Product details

The C7246 series is a DA type socket assembly designed for 28 mm (1-1/8 inch) diameter side-on and head-on photomultiplier tubes. The C7246 series socket assembly incorporates a voltage-divider circuit and a current-to-voltage conversion circuit along with an amplifier that has a narrow but practical bandwidth (0 kHz to 20 kHz) to improve the effective S/N ratio.
The C7246 series converts the low-level, high-impedance current of a photomultiplier tube into a low-impedance voltage output by a factor of 0.3 V/ µA.
Since the C7246 series employs an active voltage-divider circuit, it ensures an excellent DC linearity at low power consumption and a gain adjustment function that does not affect the frequency bandwidth of the amplifier.

FEATURES
• Low power consumption
• Low offset voltage
• Adjustable gain function
• Compact and light weight




Similar Part No. - C7246

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7247 HAMAMATSU-C7247 Datasheet
43Kb / 4P
DA-TYPE SOCKET ASSEMBLIES
C7247-01 HAMAMATSU-C7247-01 Datasheet
43Kb / 4P
DA-TYPE SOCKET ASSEMBLIES
More results


Similar Description - C7246

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40166 FUJITSU-MB40166 Datasheet
697Kb / 20P
AD/DA CONVERTER
logo
Hamamatsu Corporation
C7247 HAMAMATSU-C7247 Datasheet
43Kb / 4P
DA-TYPE SOCKET ASSEMBLIES
logo
Molex Electronics Ltd.
45481 MOLEX-45481 Datasheet
179Kb / 2P
Modular Plug and Socket Configured Assemblies
logo
Panasonic Semiconductor
ELJDA680JF PANASONIC-ELJDA680JF Datasheet
85Kb / 2P
Signal Processing Use (Low Distortion Type) DA, FA***D
logo
List of Unclassifed Man...
MCDS08 ETC2-MCDS08 Datasheet
442Kb / 6P
DS, DP, DA Series
logo
Hamamatsu Corporation
E10679 HAMAMATSU-E10679 Datasheet
160Kb / 2P
D TYPE SOCKET ASSEMBLIES
E10679-02 HAMAMATSU-E10679-02_15 Datasheet
199Kb / 2P
D TYPE SOCKET ASSEMBLIES
logo
PHOENIX CONTACT
1686698 PHOENIX-1686698 Datasheet
95Kb / 3P
WR-DA-PG21
logo
Soshin electric Co., Lt...
HMD6105F SOSHIN-HMD6105F Datasheet
130Kb / 2P
400MHz LPF for DA Converters
logo
Microchip Technology
AVR128DA28 MICROCHIP-AVR128DA28 Datasheet
4Mb / 606P
AVR짰 DA Family
2020
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com